Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM62A32AMLHAAMB Datasheet(PDF) 47 Page - Texas Instruments

Part # AM62A32AMLHAAMB
Description  AM62Ax Sitara™ Processors
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM62A32AMLHAAMB Datasheet(HTML) 47 Page - Texas Instruments

Back Button AM62A32AMLHAAMB Datasheet HTML 43Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 44Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 45Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 46Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 47Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 48Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 49Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 50Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 247 page
background image
Table 5-3. CPSW3G0 RGMII2 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
AMB PIN [4]
ANF PIN [4]
RGMII2_RXC
I
RGMII Receive Clock
AA20
AA20
RGMII2_RX_CTL
I
RGMII Receive Control
W18
W18
RGMII2_TXC
IO
RGMII Transmit Clock
AB19
AB19
RGMII2_TX_CTL
O
RGMII Transmit Control
Y19
Y19
RGMII2_RD0
I
RGMII Receive Data 0
AA21
AA21
RGMII2_RD1
I
RGMII Receive Data 1
Y20
Y20
RGMII2_RD2
I
RGMII Receive Data 2
AB21
AB21
RGMII2_RD3
I
RGMII Receive Data 3
AB20
AB20
RGMII2_TD0
O
RGMII Transmit Data 0
AA19
AA19
RGMII2_TD1
O
RGMII Transmit Data 1
Y18
Y18
RGMII2_TD2
O
RGMII Transmit Data 2
AA18
AA18
RGMII2_TD3
O
RGMII Transmit Data 3
W17
W17
Table 5-4. CPSW3G0 RMII1 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
AMB PIN [4]
ANF PIN [4]
RMII1_CRS_DV
I
RMII Carrier Sense / Data Valid
AB17
AB17
RMII1_REF_CLK
I
RMII Reference Clock
AA16
AA16
RMII1_RX_ER
I
RMII Receive Data Error
AA15
AA15
RMII1_TX_EN
O
RMII Transmit Enable
W16
W16
RMII1_RXD0
I
RMII Receive Data 0
AB16
AB16
RMII1_RXD1
I
RMII Receive Data 1
V15
V15
RMII1_TXD0
O
RMII Transmit Data 0
Y17
Y17
RMII1_TXD1
O
RMII Transmit Data 1
V16
V16
Table 5-5. CPSW3G0 RMII2 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
AMB PIN [4]
ANF PIN [4]
RMII2_CRS_DV
I
RMII Carrier Sense / Data Valid
AB19
AB19
RMII2_REF_CLK
I
RMII Reference Clock
AA20
AA20
RMII2_RX_ER
I
RMII Receive Data Error
W18
W18
RMII2_TX_EN
O
RMII Transmit Enable
Y19
Y19
RMII2_RXD0
I
RMII Receive Data 0
AA21
AA21
RMII2_RXD1
I
RMII Receive Data 1
Y20
Y20
RMII2_TXD0
O
RMII Transmit Data 0
AA19
AA19
RMII2_TXD1
O
RMII Transmit Data 1
Y18
Y18
5.3.2 CPTS
Note
Some CPTS signals are connected directly to CPTS modules within the device. Other CPTS signals
are connected to the Time Sync Router and fanned out to peripherals linked to the router. Input
signals are sent to the peripherals while output signals are sourced from the peripherals. For more
information, see the Time Sync and Compare Events section in the Time Sync chapter in the device
TRM.
www.ti.com
AM62A7, AM62A7-Q1, AM62A3, AM62A3-Q1, AM62A1-Q1
SPRSP77D – MARCH 2023 – REVISED JUNE 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
47
Product Folder Links: AM62A7 AM62A7-Q1 AM62A3 AM62A3-Q1 AM62A1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com