| Electronic Components Datasheet Search |
|
AM62A32AMLHAAMB Datasheet(PDF) 55 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM62A32AMLHAAMB Datasheet(HTML) 55 Page - Texas Instruments |
|
55 / 247 page ![]() Table 5-22. GPIO0 Signal Descriptions (continued) SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] AMB PIN [4] ANF PIN [4] GPIO0_35 IO General Purpose Input/Output L19 L19 GPIO0_36 IO General Purpose Input/Output M18 M18 GPIO0_37 IO General Purpose Input/Output R18 R18 GPIO0_38 IO General Purpose Input/Output R17 R17 GPIO0_39 IO General Purpose Input/Output K17 K17 GPIO0_40 IO General Purpose Input/Output K18 K18 GPIO0_41 IO General Purpose Input/Output M19 M19 GPIO0_42 IO General Purpose Input/Output M21 M21 GPIO0_43 (1) IO General Purpose Input/Output M22 M22 GPIO0_44 (1) IO General Purpose Input/Output M20 M20 GPIO0_45 IO General Purpose Input/Output U22 U22 GPIO0_46 IO General Purpose Input/Output U21 U21 GPIO0_47 IO General Purpose Input/Output U20 U20 GPIO0_48 IO General Purpose Input/Output U19 U19 GPIO0_49 IO General Purpose Input/Output T19 T19 GPIO0_50 IO General Purpose Input/Output U18 U18 GPIO0_51 IO General Purpose Input/Output V22 V22 GPIO0_52 IO General Purpose Input/Output V21 V21 GPIO0_53 IO General Purpose Input/Output V19 V19 GPIO0_54 IO General Purpose Input/Output V18 V18 GPIO0_55 IO General Purpose Input/Output W22 W22 GPIO0_56 IO General Purpose Input/Output W21 W21 GPIO0_57 IO General Purpose Input/Output W20 W20 GPIO0_58 IO General Purpose Input/Output W19 W19 GPIO0_59 IO General Purpose Input/Output Y21 Y21 GPIO0_60 IO General Purpose Input/Output Y22 Y22 GPIO0_61 IO General Purpose Input/Output T18 T18 GPIO0_62 IO General Purpose Input/Output U17 U17 GPIO0_63 IO General Purpose Input/Output V17 V17 GPIO0_64 IO General Purpose Input/Output AA22 AA22 GPIO0_65 (1) IO General Purpose Input/Output G21 G21 GPIO0_66 (1) IO General Purpose Input/Output F20 F20 GPIO0_67 (1) IO General Purpose Input/Output F21 F21 GPIO0_68 (1) IO General Purpose Input/Output E20 E20 GPIO0_69 (1) IO General Purpose Input/Output H22 H22 GPIO0_70 (1) IO General Purpose Input/Output G22 G22 GPIO0_71 (1) IO General Purpose Input/Output F22 F22 GPIO0_72 (1) IO General Purpose Input/Output E21 E21 GPIO0_73 IO General Purpose Input/Output W16 W16 GPIO0_74 IO General Purpose Input/Output AB17 AB17 GPIO0_75 IO General Purpose Input/Output Y17 Y17 GPIO0_76 IO General Purpose Input/Output V16 V16 GPIO0_77 IO General Purpose Input/Output Y16 Y16 GPIO0_78 IO General Purpose Input/Output AA17 AA17 GPIO0_79 IO General Purpose Input/Output AA15 AA15 www.ti.com AM62A7, AM62A7-Q1, AM62A3, AM62A3-Q1, AM62A1-Q1 SPRSP77D – MARCH 2023 – REVISED JUNE 2025 Copyright © 2025 Texas Instruments Incorporated Submit Document Feedback 55 Product Folder Links: AM62A7 AM62A7-Q1 AM62A3 AM62A3-Q1 AM62A1-Q1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |