Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM62A32AMLHAAMB Datasheet(PDF) 52 Page - Texas Instruments

Part # AM62A32AMLHAAMB
Description  AM62Ax Sitara™ Processors
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM62A32AMLHAAMB Datasheet(HTML) 52 Page - Texas Instruments

Back Button AM62A32AMLHAAMB Datasheet HTML 48Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 49Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 50Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 51Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 52Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 53Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 54Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 55Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 247 page
background image
Table 5-13. Trace Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
AMB PIN [4]
ANF PIN [4]
TRC_CTL
O
Trace Control
N20
N20
TRC_DATA0
O
Trace Data 0
N19
N19
TRC_DATA1
O
Trace Data 1
N18
N18
TRC_DATA2
O
Trace Data 2
N17
N17
TRC_DATA3
O
Trace Data 3
P18
P18
TRC_DATA4
O
Trace Data 4
P19
P19
TRC_DATA5
O
Trace Data 5
P21
P21
TRC_DATA6
O
Trace Data 6
N22
N22
TRC_DATA7
O
Trace Data 7
L18
L18
TRC_DATA8
O
Trace Data 8
L17
L17
TRC_DATA9
O
Trace Data 9
K19
K19
TRC_DATA10
O
Trace Data 10
L19
L19
TRC_DATA11
O
Trace Data 11
M18
M18
TRC_DATA12
O
Trace Data 12
R18
R18
TRC_DATA13
O
Trace Data 13
K17
K17
TRC_DATA14
O
Trace Data 14
K18
K18
TRC_DATA15
O
Trace Data 15
M19
M19
TRC_DATA16
O
Trace Data 16
M21
M21
TRC_DATA17
O
Trace Data 17
M22
M22
TRC_DATA18
O
Trace Data 18
M20
M20
TRC_DATA19
O
Trace Data 19
T21
T21
TRC_DATA20
O
Trace Data 20
T20
T20
TRC_DATA21
O
Trace Data 21
R21
R21
TRC_DATA22
O
Trace Data 22
T22
T22
TRC_DATA23
O
Trace Data 23
R22
R22
5.3.7.2 MCU Domain
Table 5-14. JTAG Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
AMB PIN [4]
ANF PIN [4]
EMU0
IO
Emulation Control 0
C13
C13
EMU1
IO
Emulation Control 1
E10
E10
TCK
I
JTAG Test Clock Input
A14
A14
TDI
I
JTAG Test Data Input
A16
A16
TDO
OZ
JTAG Test Data Output
C14
C14
TMS
I
JTAG Test Mode Select Input
B14
B14
TRSTn
I
JTAG Reset
F15
F15
5.3.8 EPWM
5.3.8.1 MAIN Domain
Table 5-15. EPWM Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
AMB PIN [4]
ANF PIN [4]
EHRPWM_SOCA
O
EHRPWM Start of Conversion A
D17
D17
EHRPWM_SOCB
O
EHRPWM Start of Conversion B
E16
E16
EHRPWM_TZn_IN0
I
EHRPWM Trip Zone Input 0 (active low)
E15
E15
EHRPWM_TZn_IN1
I
EHRPWM Trip Zone Input 1 (active low)
AA6
AA6
AM62A7, AM62A7-Q1, AM62A3, AM62A3-Q1, AM62A1-Q1
SPRSP77D – MARCH 2023 – REVISED JUNE 2025
www.ti.com
52
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM62A7 AM62A7-Q1 AM62A3 AM62A3-Q1 AM62A1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com