Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM62A32AMLHAAMB Datasheet(PDF) 53 Page - Texas Instruments

Part # AM62A32AMLHAAMB
Description  AM62Ax Sitara™ Processors
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM62A32AMLHAAMB Datasheet(HTML) 53 Page - Texas Instruments

Back Button AM62A32AMLHAAMB Datasheet HTML 49Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 50Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 51Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 52Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 53Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 54Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 55Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 56Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 247 page
background image
Table 5-15. EPWM Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
AMB PIN [4]
ANF PIN [4]
EHRPWM_TZn_IN2
I
EHRPWM Trip Zone Input 2 (active low)
W7
W7
EHRPWM_TZn_IN3
I
EHRPWM Trip Zone Input 3 (active low)
B17
B17
EHRPWM_TZn_IN4
I
EHRPWM Trip Zone Input 4 (active low)
C18
C18
EHRPWM_TZn_IN5
I
EHRPWM Trip Zone Input 5 (active low)
C16
C16
Table 5-16. EPWM0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
AMB PIN [4]
ANF PIN [4]
EHRPWM0_A
IO
EHRPWM Output A
B21, D16, Y8
B21, D16, Y8
EHRPWM0_B
IO
EHRPWM Output B
A21, AA7, C16 A21, AA7, C16
EHRPWM0_SYNCI
I
Sync Input to EHRPWM module from an
external pin
AB8, C17
AB8, C17
EHRPWM0_SYNCO
O
Sync Output from EHRPWM module to an
external pin
E17, W9
E17, W9
Table 5-17. EPWM1 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
AMB PIN [4]
ANF PIN [4]
EHRPWM1_A
IO
EHRPWM Output A
A17, B18, Y7
A17, B18, Y7
EHRPWM1_B
IO
EHRPWM Output B
AB6, B15, B20 AB6, B15, B20
Table 5-18. EPWM2 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
AMB PIN [4]
ANF PIN [4]
EHRPWM2_A
IO
EHRPWM Output A
AB7, C17, E14 AB7, C17, E14
EHRPWM2_B
IO
EHRPWM Output B
D15, E17, Y6
D15, E17, Y6
5.3.9 EQEP
5.3.9.1 MAIN Domain
Table 5-19. EQEP0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
AMB PIN [4]
ANF PIN [4]
EQEP0_A (1)
I
EQEP Quadrature Input A
C19
C19
EQEP0_B (1)
I
EQEP Quadrature Input B
B19
B19
EQEP0_I (1)
IO
EQEP Index
B20
B20
EQEP0_S (1)
IO
EQEP Strobe
B18
B18
(1)
This EQEP input signal has a debounce function. For more information on I/O Debounce configuration, see the TRM Device
Configuration chapter.
Table 5-20. EQEP1 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
AMB PIN [4]
ANF PIN [4]
EQEP1_A (1)
I
EQEP Quadrature Input A
A19
A19
EQEP1_B (1)
I
EQEP Quadrature Input B
A20
A20
EQEP1_I (1)
IO
EQEP Index
A21
A21
EQEP1_S (1)
IO
EQEP Strobe
B21
B21
(1)
This EQEP input signal has a debounce function. For more information on I/O Debounce configuration, see the TRM Device
Configuration chapter.
Table 5-21. EQEP2 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
AMB PIN [4]
ANF PIN [4]
EQEP2_A (1)
I
EQEP Quadrature Input A
AB21, D17
AB21, D17
www.ti.com
AM62A7, AM62A7-Q1, AM62A3, AM62A3-Q1, AM62A1-Q1
SPRSP77D – MARCH 2023 – REVISED JUNE 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
53
Product Folder Links: AM62A7 AM62A7-Q1 AM62A3 AM62A3-Q1 AM62A1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com