Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM62A32AMLHAAMB Datasheet(PDF) 73 Page - Texas Instruments

Part # AM62A32AMLHAAMB
Description  AM62Ax Sitara™ Processors
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM62A32AMLHAAMB Datasheet(HTML) 73 Page - Texas Instruments

Back Button AM62A32AMLHAAMB Datasheet HTML 69Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 70Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 71Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 72Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 73Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 74Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 75Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 76Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 247 page
background image
5.4 Pin Connectivity Requirements
This section describes connectivity requirements for package balls that have specific connectivity requirements
and unused package balls.
Note
All power pins must be supplied with the voltages specified in Section 6.5, Recommended Operating
Conditions, unless otherwise specified.
Note
For additional clarification, "leave unconnected" or "no connect" (NC) means no signal traces can be
connected to these device ball numbers.
Table 5-71. Connectivity Requirements
AMB
BALL
NUMBER
ANF
BALL
NUMBER
BALL NAME
CONNECTION REQUIREMENTS
B8
F15
B8
F15
MCU_ERRORn
TRSTn
Each of these balls must be connected to VSS through separate external pull
resistors to ensure the inputs associated with these balls are held to a valid
logic low level if a PCB signal trace is connected and not actively driven by an
attached device. The internal pull-down can be used to hold a valid logic low
level if no PCB signal trace is connected to the ball.
C13
E10
C12
E19
A14
A16
B14
C13
E10
C12
E19
A14
A16
B14
EMU0
EMU1
MCU_RESETz
RESET_REQz
TCK
TDI
TMS
Each of these balls must be connected to the corresponding power supply(1)
through separate external pull resistors to ensure the inputs associated with
these balls are held to a valid logic high level if a PCB signal trace is connected
and not actively driven by an attached device. The internal pull-up can be used
to hold a valid logic high level if no PCB signal trace is connected to the ball.
E12
D9
D13
E13
E12
D9
D13
E13
MCU_I2C0_SCL
MCU_I2C0_SDA
WKUP_I2C0_SCL
WKUP_I2C0_SDA
Each of these balls must be connected to the corresponding power supply(1)
or VSS through separate external pull resistors to ensure the inputs associated
with these balls are held to a valid logic high or low level as appropriate for the
selected signal function.
N21
N20
N19
N18
N17
P18
P19
P21
P22
R19
R20
R22
T22
R21
T20
T21
N21
N20
N19
N18
N17
P18
P19
P21
P22
R19
R20
R22
T22
R21
T20
T21
GPMC0_AD0
GPMC0_AD1
GPMC0_AD2
GPMC0_AD3
GPMC0_AD4
GPMC0_AD5
GPMC0_AD6
GPMC0_AD7
GPMC0_AD8
GPMC0_AD9
GPMC0_AD10
GPMC0_AD11
GPMC0_AD12
GPMC0_AD13
GPMC0_AD14
GPMC0_AD15
Each of these balls must be connected to the corresponding power supply(1)
or VSS through separate external pull resistors to ensure the inputs associated
with these balls are held to a valid logic high or low level as appropriate to
select the desired device boot mode.
A2
AA1
AB2
B1
J7
K8
L7
M8
N7
P8
L8
A2
AA1
AB2
B1
J7
K8
L7
M8
N7
P8
L8
VDDS_DDR
VDDS_DDR
VDDS_DDR
VDDS_DDR
VDDS_DDR
VDDS_DDR
VDDS_DDR
VDDS_DDR
VDDS_DDR
VDDS_DDR
VDDS_DDR_C
If DDRSS is not used, each of these balls must be connected directly to VSS.
www.ti.com
AM62A7, AM62A7-Q1, AM62A3, AM62A3-Q1, AM62A1-Q1
SPRSP77D – MARCH 2023 – REVISED JUNE 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
73
Product Folder Links: AM62A7 AM62A7-Q1 AM62A3 AM62A3-Q1 AM62A1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com