Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM62A32AMLHAAMB Datasheet(PDF) 48 Page - Texas Instruments

Part # AM62A32AMLHAAMB
Description  AM62Ax Sitara™ Processors
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM62A32AMLHAAMB Datasheet(HTML) 48 Page - Texas Instruments

Back Button AM62A32AMLHAAMB Datasheet HTML 44Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 45Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 46Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 47Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 48Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 49Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 50Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 51Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 247 page
background image
5.3.2.1 MAIN Domain
Table 5-6. CPTS Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
AMB PIN [4]
ANF PIN [4]
CP_GEMAC_CPTS0_RFT_CLK
I
CPTS Reference Clock Input
B16
B16
CP_GEMAC_CPTS0_TS_COMP
O
CPTS Time Stamp Counter Compare Output
from CPSW3G0 CPTS
C16, D22
C16, D22
CP_GEMAC_CPTS0_TS_SYNC
O
CPTS Time Stamp Counter Bit Output from
CPSW3G0 CPTS
A17, C22
A17, C22
CP_GEMAC_CPTS0_HW1TSPUSH
I
CPTS Hardware Time Stamp Push Input to
Time Sync Router
B15, D21
B15, D21
CP_GEMAC_CPTS0_HW2TSPUSH
I
CPTS Hardware Time Stamp Push Input to
Time Sync Router
B22, E15
B22, E15
SYNC0_OUT
O
CPTS Time Stamp Generator Bit 0 Output from
Time Sync Router
D17
D17
SYNC1_OUT
O
CPTS Time Stamp Generator Bit 1 Output from
Time Sync Router
B16
B16
SYNC2_OUT
O
CPTS Time Stamp Generator Bit 2 Output from
Time Sync Router
B17
B17
SYNC3_OUT
O
CPTS Time Stamp Generator Bit 3 Output from
Time Sync Router
C18
C18
5.3.3 CSI-2
5.3.3.1 MAIN Domain
Table 5-7. CSIRX0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
AMB PIN [4]
ANF PIN [4]
CSI0_RXCLKN
I
CSI Differential Receive Clock Input (negative)
AB14
AB14
CSI0_RXCLKP
I
CSI Differential Receive Clock Input (positive)
AB13
AB13
CSI0_RXRCALIB (1)
A
CSI pin connected to external resistor for on-
chip resistor calibration
V10
V10
CSI0_RXN0
I
CSI Differential Receive Input (negative)
W12
W12
CSI0_RXN1
I
CSI Differential Receive Input (negative)
Y13
Y13
CSI0_RXN2
I
CSI Differential Receive Input (negative)
AA13
AA13
CSI0_RXN3
I
CSI Differential Receive Input (negative)
AB11
AB11
CSI0_RXP0
I
CSI Differential Receive Input (positive)
W13
W13
CSI0_RXP1
I
CSI Differential Receive Input (positive)
Y14
Y14
CSI0_RXP2
I
CSI Differential Receive Input (positive)
AA12
AA12
CSI0_RXP3
I
CSI Differential Receive Input (positive)
AB10
AB10
(1)
An external 499Ω ±1% resistor must be connected between this pin and VSS and the maximum power dissipation for the resistor is
7.2mW. No external voltage should be applied to this pin.
5.3.4 DDRSS
5.3.4.1 MAIN Domain
Table 5-8. DDRSS0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
AMB PIN [4]
ANF PIN [4]
DDR0_ACT_n
O
DDRSS Activation Command
N5
N5
DDR0_ALERT_n
IO
DDRSS Alert
H7
H7
DDR0_CAS_n (1)
O
DDR4 Column Address Strobe / LPDDR4 Chip
Select 1B
M5
M5
DDR0_PAR
O
DDRSS Command and Address Parity
N2
N2
AM62A7, AM62A7-Q1, AM62A3, AM62A3-Q1, AM62A1-Q1
SPRSP77D – MARCH 2023 – REVISED JUNE 2025
www.ti.com
48
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM62A7 AM62A7-Q1 AM62A3 AM62A3-Q1 AM62A1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com