Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM62A32AMLHAAMB Datasheet(PDF) 62 Page - Texas Instruments

Part # AM62A32AMLHAAMB
Description  AM62Ax Sitara™ Processors
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM62A32AMLHAAMB Datasheet(HTML) 62 Page - Texas Instruments

Back Button AM62A32AMLHAAMB Datasheet HTML 58Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 59Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 60Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 61Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 62Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 63Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 64Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 65Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 247 page
background image
Table 5-36. MCASP1 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
AMB PIN [4]
ANF PIN [4]
MCASP1_ACLKR
IO
MCASP Receive Bit Clock
G20, H22, M20 G20, H22, M20
MCASP1_ACLKX
IO
MCASP Transmit Bit Clock
F22, J20, L19
F22, J20, L19
MCASP1_AFSR
IO
MCASP Receive Frame Sync
G22, K20, M22 G22, K20, M22
MCASP1_AFSX
IO
MCASP Transmit Frame Sync
E21, J22, R18 E21, J22, R18
MCASP1_AXR0
IO
MCASP Serial Data (Input/Output)
E20, H19, K19 E20, H19, K19
MCASP1_AXR1
IO
MCASP Serial Data (Input/Output)
F21, K21, L17 F21, K21, L17
MCASP1_AXR2
IO
MCASP Serial Data (Input/Output)
F20, K20, L18 F20, K20, L18
MCASP1_AXR3
IO
MCASP Serial Data (Input/Output)
G20, G21, N22 G20, G21, N22
MCASP1_AXR4
IO
MCASP Serial Data (Input/Output)
G22, M22
G22, M22
MCASP1_AXR5
IO
MCASP Serial Data (Input/Output)
H22, M20
H22, M20
Table 5-37. MCASP2 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
AMB PIN [4]
ANF PIN [4]
MCASP2_ACLKR
IO
MCASP Receive Bit Clock
T21, Y18
T21, Y18
MCASP2_ACLKX
IO
MCASP Transmit Bit Clock
C15, R21,
W17
C15, R21,
W17
MCASP2_AFSR
IO
MCASP Receive Frame Sync
T20, Y20
T20, Y20
MCASP2_AFSX
IO
MCASP Transmit Frame Sync
AA18, F14,
T22
AA18, F14,
T22
MCASP2_AXR0
IO
MCASP Serial Data (Input/Output)
AB21, B17,
P22
AB21, B17,
P22
MCASP2_AXR1
IO
MCASP Serial Data (Input/Output)
AA20, C18,
R19
AA20, C18,
R19
MCASP2_AXR2
IO
MCASP Serial Data (Input/Output)
AA21, R20
AA21, R20
MCASP2_AXR3
IO
MCASP Serial Data (Input/Output)
R22, W18
R22, W18
MCASP2_AXR4
IO
MCASP Serial Data (Input/Output)
N21, Y19
N21, Y19
MCASP2_AXR5
IO
MCASP Serial Data (Input/Output)
AB19, N20
AB19, N20
MCASP2_AXR6
IO
MCASP Serial Data (Input/Output)
AA19, N19
AA19, N19
MCASP2_AXR7
IO
MCASP Serial Data (Input/Output)
N18, Y20
N18, Y20
MCASP2_AXR8
IO
MCASP Serial Data (Input/Output)
N17, Y18
N17, Y18
MCASP2_AXR9
IO
MCASP Serial Data (Input/Output)
P18
P18
MCASP2_AXR10
IO
MCASP Serial Data (Input/Output)
P19
P19
MCASP2_AXR11
IO
MCASP Serial Data (Input/Output)
P21
P21
MCASP2_AXR12
IO
MCASP Serial Data (Input/Output)
M18
M18
MCASP2_AXR13
IO
MCASP Serial Data (Input/Output)
K18
K18
MCASP2_AXR14
IO
MCASP Serial Data (Input/Output)
M19
M19
MCASP2_AXR15
IO
MCASP Serial Data (Input/Output)
M21
M21
5.3.15 MCSPI
5.3.15.1 MAIN Domain
Table 5-38. MCSPI0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
AMB PIN [4]
ANF PIN [4]
SPI0_CLK
IO
SPI Clock
A17
A17
SPI0_CS0
IO
SPI Chip Select 0
D16
D16
SPI0_CS1
IO
SPI Chip Select 1
C16
C16
SPI0_CS2
IO
SPI Chip Select 2
F14
F14
AM62A7, AM62A7-Q1, AM62A3, AM62A3-Q1, AM62A1-Q1
SPRSP77D – MARCH 2023 – REVISED JUNE 2025
www.ti.com
62
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM62A7 AM62A7-Q1 AM62A3 AM62A3-Q1 AM62A1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com