Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM62A32AMLHAAMB Datasheet(PDF) 68 Page - Texas Instruments

Part # AM62A32AMLHAAMB
Description  AM62Ax Sitara™ Processors
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM62A32AMLHAAMB Datasheet(HTML) 68 Page - Texas Instruments

Back Button AM62A32AMLHAAMB Datasheet HTML 64Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 65Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 66Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 67Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 68Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 69Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 70Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 71Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 247 page
background image
5.3.21 System and Miscellaneous
5.3.21.1 Boot Mode Configuration
5.3.21.1.1 MAIN Domain
Table 5-50. Sysboot Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
AMB PIN [4]
ANF PIN [4]
BOOTMODE00
I
Bootmode pin 0
N21
N21
BOOTMODE01
I
Bootmode pin 1
N20
N20
BOOTMODE02
I
Bootmode pin 2
N19
N19
BOOTMODE03
I
Bootmode pin 3
N18
N18
BOOTMODE04
I
Bootmode pin 4
N17
N17
BOOTMODE05
I
Bootmode pin 5
P18
P18
BOOTMODE06
I
Bootmode pin 6
P19
P19
BOOTMODE07
I
Bootmode pin 7
P21
P21
BOOTMODE08
I
Bootmode pin 8
P22
P22
BOOTMODE09
I
Bootmode pin 9
R19
R19
BOOTMODE10
I
Bootmode pin 10
R20
R20
BOOTMODE11
I
Bootmode pin 11
R22
R22
BOOTMODE12
I
Bootmode pin 12
T22
T22
BOOTMODE13
I
Bootmode pin 13
R21
R21
BOOTMODE14
I
Bootmode pin 14
T20
T20
BOOTMODE15
I
Bootmode pin 15
T21
T21
5.3.21.2 Clock
5.3.21.2.1 MCU Domain
Table 5-51. MCU Clock Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
AMB PIN [4]
ANF PIN [4]
MCU_OSC0_XI
I
High frequency oscillator input
A12
A12
MCU_OSC0_XO
O
High frequency oscillator output
A11
A11
5.3.21.2.2 WKUP Domain
Table 5-52. WKUP Clock Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
AMB PIN [4]
ANF PIN [4]
WKUP_LFOSC0_XI
I
Low frequency (32.768KHz) oscillator input
A8
A8
WKUP_LFOSC0_XO
O
Low frequency (32.768KHz) oscillator output
A9
A9
5.3.21.3 System
5.3.21.3.1 MAIN Domain
Table 5-53. System Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
AMB PIN [4]
ANF PIN [4]
AUDIO_EXT_REFCLK0
IO
External clock input to McASP or output from
McASP
AB20, B20,
F14
AB20, B20,
F14
AUDIO_EXT_REFCLK1
IO
External clock input to McASP or output from
McASP
A20, C15, K17 A20, C15, K17
CLKOUT0
O
RMII Clock Output (50MHz). This pin is
used for clock source to the external RMII
PHY and must also be routed back to the
respective RMII[x]_REF_CLK pin for proper
device operation.
AA17, B16,
W17
AA17, B16,
W17
EXTINTn
I
External Interrupt
F17
F17
AM62A7, AM62A7-Q1, AM62A3, AM62A3-Q1, AM62A1-Q1
SPRSP77D – MARCH 2023 – REVISED JUNE 2025
www.ti.com
68
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM62A7 AM62A7-Q1 AM62A3 AM62A3-Q1 AM62A1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com