Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM62A32AMLHAAMB Datasheet(PDF) 61 Page - Texas Instruments

Part # AM62A32AMLHAAMB
Description  AM62Ax Sitara™ Processors
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM62A32AMLHAAMB Datasheet(HTML) 61 Page - Texas Instruments

Back Button AM62A32AMLHAAMB Datasheet HTML 57Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 58Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 59Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 60Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 61Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 62Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 63Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 64Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 247 page
background image
Table 5-29. I2C3 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
AMB PIN [4]
ANF PIN [4]
I2C3_SCL
IOD
I2C Clock
AB7, F14
AB7, F14
I2C3_SDA
IOD
I2C Data
C15, Y6
C15, Y6
5.3.12.2 MCU Domain
Table 5-30. MCU_I2C0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
AMB PIN [4]
ANF PIN [4]
MCU_I2C0_SCL
IOD
I2C Clock
E12
E12
MCU_I2C0_SDA
IOD
I2C Data
D9
D9
5.3.12.3 WKUP Domain
Table 5-31. WKUP_I2C0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
AMB PIN [4]
ANF PIN [4]
WKUP_I2C0_SCL
IOD
I2C Clock
D13
D13
WKUP_I2C0_SDA
IOD
I2C Data
E13
E13
5.3.13 MCAN
5.3.13.1 MAIN Domain
Table 5-32. MCAN0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
AMB PIN [4]
ANF PIN [4]
MCAN0_RX
I
MCAN Receive Data
C18
C18
MCAN0_TX
O
MCAN Transmit Data
B17
B17
5.3.13.2 MCU Domain
Table 5-33. MCU_MCAN0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
AMB PIN [4]
ANF PIN [4]
MCU_MCAN0_RX
I
MCAN Receive Data
E8
E8
MCU_MCAN0_TX
O
MCAN Transmit Data
C7
C7
Table 5-34. MCU_MCAN1 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
AMB PIN [4]
ANF PIN [4]
MCU_MCAN1_RX
I
MCAN Receive Data
B9
B9
MCU_MCAN1_TX
O
MCAN Transmit Data
D7
D7
5.3.14 MCASP
5.3.14.1 MAIN Domain
Table 5-35. MCASP0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
AMB PIN [4]
ANF PIN [4]
MCASP0_ACLKR
IO
MCASP Receive Bit Clock
A21
A21
MCASP0_ACLKX
IO
MCASP Transmit Bit Clock
A19
A19
MCASP0_AFSR
IO
MCASP Receive Frame Sync
B21
B21
MCASP0_AFSX
IO
MCASP Transmit Frame Sync
A20
A20
MCASP0_AXR0
IO
MCASP Serial Data (Input/Output)
B20
B20
MCASP0_AXR1
IO
MCASP Serial Data (Input/Output)
B18
B18
MCASP0_AXR2
IO
MCASP Serial Data (Input/Output)
B19
B19
MCASP0_AXR3
IO
MCASP Serial Data (Input/Output)
C19
C19
www.ti.com
AM62A7, AM62A7-Q1, AM62A3, AM62A3-Q1, AM62A1-Q1
SPRSP77D – MARCH 2023 – REVISED JUNE 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
61
Product Folder Links: AM62A7 AM62A7-Q1 AM62A3 AM62A3-Q1 AM62A1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com