| Electronic Components Datasheet Search |
|
AM62A32AMLHAAMB Datasheet(PDF) 51 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM62A32AMLHAAMB Datasheet(HTML) 51 Page - Texas Instruments |
|
51 / 247 page ![]() Table 5-9. DSS0 Signal Descriptions (continued) SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] AMB PIN [4] ANF PIN [4] VOUT0_DATA1 O Video Output Data 1 U21 U21 VOUT0_DATA2 O Video Output Data 2 U20 U20 VOUT0_DATA3 O Video Output Data 3 U19 U19 VOUT0_DATA4 O Video Output Data 4 T19 T19 VOUT0_DATA5 O Video Output Data 5 U18 U18 VOUT0_DATA6 O Video Output Data 6 V22 V22 VOUT0_DATA7 O Video Output Data 7 V21 V21 VOUT0_DATA8 O Video Output Data 8 V19 V19 VOUT0_DATA9 O Video Output Data 9 V18 V18 VOUT0_DATA10 O Video Output Data 10 W22 W22 VOUT0_DATA11 O Video Output Data 11 W21 W21 VOUT0_DATA12 O Video Output Data 12 W20 W20 VOUT0_DATA13 O Video Output Data 13 W19 W19 VOUT0_DATA14 O Video Output Data 14 Y21 Y21 VOUT0_DATA15 O Video Output Data 15 Y22 Y22 VOUT0_DATA16 O Video Output Data 16 P22 P22 VOUT0_DATA17 O Video Output Data 17 R19 R19 VOUT0_DATA18 O Video Output Data 18 R20 R20 VOUT0_DATA19 O Video Output Data 19 R22 R22 VOUT0_DATA20 O Video Output Data 20 T22 T22 VOUT0_DATA21 O Video Output Data 21 R21 R21 VOUT0_DATA22 O Video Output Data 22 T20 T20 VOUT0_DATA23 O Video Output Data 23 T21 T21 5.3.6 ECAP 5.3.6.1 MAIN Domain Table 5-10. ECAP0 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] AMB PIN [4] ANF PIN [4] ECAP0_IN_APWM_OUT IO Enhanced Capture (ECAP) Input or Auxiliary PWM (APWM) Output B16, C16 B16, C16 Table 5-11. ECAP1 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] AMB PIN [4] ANF PIN [4] ECAP1_IN_APWM_OUT IO Enhanced Capture (ECAP) Input or Auxiliary PWM (APWM) Output B18, C19, D17, D21, E14 B18, C19, D17, D21, E14 Table 5-12. ECAP2 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] AMB PIN [4] ANF PIN [4] ECAP2_IN_APWM_OUT IO Enhanced Capture (ECAP) Input or Auxiliary PWM (APWM) Output A19, B19, B22, D15, E16 A19, B19, B22, D15, E16 5.3.7 Emulation and Debug 5.3.7.1 MAIN Domain Table 5-13. Trace Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] AMB PIN [4] ANF PIN [4] TRC_CLK O Trace Clock N21 N21 www.ti.com AM62A7, AM62A7-Q1, AM62A3, AM62A3-Q1, AM62A1-Q1 SPRSP77D – MARCH 2023 – REVISED JUNE 2025 Copyright © 2025 Texas Instruments Incorporated Submit Document Feedback 51 Product Folder Links: AM62A7 AM62A7-Q1 AM62A3 AM62A3-Q1 AM62A1-Q1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |