Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM62A32AMLHAAMB Datasheet(PDF) 44 Page - Texas Instruments

Part # AM62A32AMLHAAMB
Description  AM62Ax Sitara™ Processors
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM62A32AMLHAAMB Datasheet(HTML) 44 Page - Texas Instruments

Back Button AM62A32AMLHAAMB Datasheet HTML 40Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 41Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 42Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 43Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 44Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 45Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 46Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 47Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 247 page
background image
Table 5-1. Pin Attributes (AMB, ANF Packages) (continued)
AMB
BALL
NUMBER
[1]
ANF
BALL
NUMBER
[1]
BALL NAME [2]
PADCONFIG Register [15]
PADCONFIG Address [16]
SIGNAL NAME [3]
MUX
MODE [4]
TYPE
[5]
DSIS
[6]
BALL
STATE
DURING
RESET
(RX/TX/PULL) [7]
BALL
STATE
AFTER
RESET
(RX/TX/PULL) [8]
MUX
MODE
AFTER
RESET
[9]
I/O
OPERATING
VOLTAGE
[10]
POWER [11]
HYS
[12]
BUFFER
TYPE [13]
PULL
UP/DOWN
TYPE [14]
A1, A10,
A13, A18,
A22, A4,
A6, AA11,
AA14,
AA2, AA4,
AA8, AB1,
AB12,
AB15,
AB18,
AB22,
AB3, AB5,
AB9, B3,
B5, B7,
C4, D11,
D2, D20,
D4, E1,
E3, E5,
F11, F13,
F16, F2,
F4, G12,
G17, G3,
G5, G9,
H1, H11,
H14, H20,
H4, J12,
J17, J3,
K1, K11,
K4, K7,
K9, L12,
L14, L20,
L3, M11,
M17, M4,
M7, N1,
N10, N12,
N14, N16,
N8, P11,
P13, P15,
P17, P20,
P7, R10,
R12, R14,
R16, R2,
R4, R6,
T1, T15,
T17, T3,
T5, T7,
U12, U14,
U16, U2,
U4, U6,
U9, V1,
V20, V3,
V5, V7,
V9, W11,
W14, W2,
W4, W6,
W8, Y12,
Y15, Y3,
Y5, Y9
A1, A10,
A13, A18,
A22, A4,
A6, AA11,
AA14,
AA2, AA4,
AA8, AB1,
AB12,
AB15,
AB18,
AB22,
AB3, AB5,
AB9, B3,
B5, B7,
C4, D11,
D2, D20,
D4, E1,
E3, E5,
F11, F13,
F16, F2,
F4, G12,
G17, G3,
G5, G9,
H1, H11,
H14, H20,
H4, J12,
J17, J3,
K1, K11,
K4, K7,
K9, L12,
L14, L20,
L3, M11,
M17, M4,
M7, N1,
N10, N12,
N14, N16,
N8, P11,
P13, P15,
P17, P20,
P7, R10,
R12, R14,
R16, R2,
R4, R6,
T1, T15,
T17, T3,
T5, T7,
U12, U14,
U16, U2,
U4, U6,
U9, V1,
V20, V3,
V5, V7,
V9, W11,
W14, W2,
W4, W6,
W8, Y12,
Y15, Y3,
Y5, Y9
VSS
VSS
PWR
AM62A7, AM62A7-Q1, AM62A3, AM62A3-Q1, AM62A1-Q1
SPRSP77D – MARCH 2023 – REVISED JUNE 2025
www.ti.com
44
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM62A7 AM62A7-Q1 AM62A3 AM62A3-Q1 AM62A1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com