Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM62A32AMLHAAMB Datasheet(PDF) 75 Page - Texas Instruments

Part # AM62A32AMLHAAMB
Description  AM62Ax Sitara™ Processors
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM62A32AMLHAAMB Datasheet(HTML) 75 Page - Texas Instruments

Back Button AM62A32AMLHAAMB Datasheet HTML 71Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 72Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 73Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 74Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 75Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 76Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 77Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 78Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 247 page
background image
Table 5-71. Connectivity Requirements (continued)
AMB
BALL
NUMBER
ANF
BALL
NUMBER
BALL NAME
CONNECTION REQUIREMENTS
Y4
AA3
AA5
AB4
D1
C1
G1
F1
R1
P1
W1
Y1
H5
N3
P6
Y4
AA3
AA5
AB4
D1
C1
G1
F1
R1
P1
W1
Y1
H5
N3
P6
DDR0_DQ28
DDR0_DQ29
DDR0_DQ30
DDR0_DQ31
DDR0_DQS0
DDR0_DQS0_n
DDR0_DQS1
DDR0_DQS1_n
DDR0_DQS2
DDR0_DQS2_n
DDR0_DQS2
DDR0_DQS2_n
DDR0_ODT0
DDR0_ODT1
DDR0_RESET0_n
T9
T10
U10
T9
T10
U10
VDDA_CORE_USB
VDDA_1P8_USB
VDDA_3P3_USB
USB0 and USB1 share these power rails, so each of these balls must be
connected to valid power sources when either USB0 or USB1 is used.
If USB0 and USB1 are not used, each of these balls must be connected
directly to VSS.
AA10
AA9
W10
V8
Y11
Y10
U7
V6
AA10
AA9
W10
V8
Y11
Y10
U7
V6
USB0_DM
USB0_DP
USB0_RCALIB
USB0_VBUS
USB1_DM
USB1_DP
USB1_RCALIB
USB1_VBUS
If USB0 or USB1 is not used, leave the respective DM, DP, and VBUS balls
unconnected.
Note: The USB0_RCALIB and USB1_RCALIB pins can only be
left unconnected when VDDA_CORE_USB, VDDA_1P8_USB, and
VDDA_3P3_USB are connected to VSS. The USB0_RCALIB and
USB1_RCALIB pins must be connected to VSS through separate
appropriate external resistors when VDDA_CORE_USB, VDDA_1P8_USB,
and VDDA_3P3_USB are connected to power sources.
T11
T12
T11
T12
VDDA_CORE_CSIRX0
VDDA_1P8_CSIRX0
If CSIRX0 is not used and the device boundary scan function is required, each
of these balls must be connected to valid power sources.
If CSIRX0 is not used and the device boundary scan function is not required,
each of these balls can alternatively be connected directly to VSS.
AB14
AB13
W12
W13
Y13
Y14
AA13
AA12
AB11
AB10
V10
AB14
AB13
W12
W13
Y13
Y14
AA13
AA12
AB11
AB10
V10
CSI0_RXCLKN
CSI0_RXCLKP
CSI0_RXN0
CSI0_RXP0
CSI0_RXN1
CSI0_RXP1
CSI0_RXN2
CSI0_RXP2
CSI0_RXN3
CSI0_RXP3
CSI0_RXRCALIB
If CSIRX0 is not used, leave unconnected.
H12
H12
VMON_VSYS
If VMON_VSYS is not used, this ball must be connected directly to VSS.
F12
F12
VMON_1P8_SOC
If VMON_1P8_SOC is not used to monitor the SOC power rail, this ball must
remain connected to a 1.8V power rail.
F9
F9
VMON_3P3_SOC
If VMON_3P3_SOC is not used to monitor the SOC power rail, this ball must
remain connected to a 3.3V power rail or connected directly to VSS.
(1)
To determine which power supply is associated with any IO, see the POWER column of the Pin Attributes table.
www.ti.com
AM62A7, AM62A7-Q1, AM62A3, AM62A3-Q1, AM62A1-Q1
SPRSP77D – MARCH 2023 – REVISED JUNE 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
75
Product Folder Links: AM62A7 AM62A7-Q1 AM62A3 AM62A3-Q1 AM62A1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com