Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM62A32AMLHAAMB Datasheet(PDF) 72 Page - Texas Instruments

Part # AM62A32AMLHAAMB
Description  AM62Ax Sitara™ Processors
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM62A32AMLHAAMB Datasheet(HTML) 72 Page - Texas Instruments

Back Button AM62A32AMLHAAMB Datasheet HTML 68Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 69Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 70Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 71Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 72Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 73Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 74Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 75Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 247 page
background image
Table 5-66. UART6 Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
AMB PIN [4]
ANF PIN [4]
UART6_RXD
I
UART Receive Data
C19, E18,
H22, K21,
R17, V19
C19, E18,
H22, K21,
R17, V19
UART6_TXD
O
UART Transmit Data
B19, D18,
G22, H19,
K17, V18
B19, D18,
G22, H19,
K17, V18
5.3.23.2 MCU Domain
Table 5-67. MCU_UART0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
AMB PIN [4]
ANF PIN [4]
MCU_UART0_CTSn
I
UART Clear to Send (active low)
B11
B11
MCU_UART0_RTSn
O
UART Request to Send (active low)
D10
D10
MCU_UART0_RXD
I
UART Receive Data
D8
D8
MCU_UART0_TXD
O
UART Transmit Data
F8
F8
5.3.23.3 WKUP Domain
Table 5-68. WKUP_UART0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
AMB PIN [4]
ANF PIN [4]
WKUP_UART0_CTSn
I
UART Clear to Send (active low)
C10
C10
WKUP_UART0_RTSn
O
UART Request to Send (active low)
C8
C8
WKUP_UART0_RXD
I
UART Receive Data
C9
C9
WKUP_UART0_TXD
O
UART Transmit Data
E9
E9
5.3.24 USB
5.3.24.1 MAIN Domain
Table 5-69. USB0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
AMB PIN [4]
ANF PIN [4]
USB0_DM
IO
USB 2.0 Differential Data (negative)
AA10
AA10
USB0_DP
IO
USB 2.0 Differential Data (positive)
AA9
AA9
USB0_DRVVBUS
O
USB VBUS control output (active high)
C20
C20
USB0_RCALIB (1)
A
Pin to connect to calibration resistor
W10
W10
USB0_VBUS (2)
A
USB Level-shifted VBUS Input
V8
V8
(1)
An external 499Ω ±1% resistor must be connected between this pin and VSS and the maximum power dissipation for the resistor is
7.2mW. No external voltage should be applied to this pin.
(2)
An external resistor divider is required to limit the voltage applied to the device pin. For more information, see Section 8.2.3, USB
VBUS Design Guidelines.
Table 5-70. USB1 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
AMB PIN [4]
ANF PIN [4]
USB1_DM
IO
USB 2.0 Differential Data (negative)
Y11
Y11
USB1_DP
IO
USB 2.0 Differential Data (positive)
Y10
Y10
USB1_DRVVBUS
O
USB VBUS control output (active high)
D19
D19
USB1_RCALIB (1)
A
Pin to connect to calibration resistor
U7
U7
USB1_VBUS (2)
A
USB Level-shifted VBUS Input
V6
V6
(1)
An external 499Ω ±1% resistor must be connected between this pin and VSS and the maximum power dissipation for the resistor is
7.2mW. No external voltage should be applied to this pin.
(2)
An external resistor divider is required to limit the voltage applied to the device pin. For more information, see Section 8.2.3, USB
VBUS Design Guidelines.
AM62A7, AM62A7-Q1, AM62A3, AM62A3-Q1, AM62A1-Q1
SPRSP77D – MARCH 2023 – REVISED JUNE 2025
www.ti.com
72
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM62A7 AM62A7-Q1 AM62A3 AM62A3-Q1 AM62A1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com