| Electronic Components Datasheet Search |
|
AM62A32AMLHAAMB Datasheet(PDF) 57 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM62A32AMLHAAMB Datasheet(HTML) 57 Page - Texas Instruments |
|
57 / 247 page ![]() Table 5-23. GPIO1 Signal Descriptions (continued) SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] AMB PIN [4] ANF PIN [4] GPIO1_29 IO General Purpose Input/Output E17 E17 GPIO1_30 IO General Purpose Input/Output B16 B16 GPIO1_31 (1) IOD General Purpose Input/Output F17 F17 GPIO1_32 (1) IO General Purpose Input/Output AB8 AB8 GPIO1_33 (1) IO General Purpose Input/Output W9 W9 GPIO1_34 (1) IO General Purpose Input/Output W7 W7 GPIO1_35 (1) IO General Purpose Input/Output Y8 Y8 GPIO1_36 (1) IO General Purpose Input/Output AA7 AA7 GPIO1_37 (1) IO General Purpose Input/Output Y7 Y7 GPIO1_38 (1) IO General Purpose Input/Output AB6 AB6 GPIO1_39 (1) IO General Purpose Input/Output AA6 AA6 GPIO1_40 (1) IO General Purpose Input/Output AB7 AB7 GPIO1_41 (1) IO General Purpose Input/Output Y6 Y6 GPIO1_42 (1) IO General Purpose Input/Output D22 D22 GPIO1_43 (1) IO General Purpose Input/Output C22 C22 GPIO1_44 (1) IO General Purpose Input/Output D21 D21 GPIO1_45 (1) IO General Purpose Input/Output B22 B22 GPIO1_46 (1) IO General Purpose Input/Output E22 E22 GPIO1_47 (1) IO General Purpose Input/Output C21 C21 GPIO1_48 (1) IO General Purpose Input/Output E18 E18 GPIO1_49 (1) IO General Purpose Input/Output D18 D18 GPIO1_50 IO General Purpose Input/Output C20 C20 GPIO1_51 IO General Purpose Input/Output D19 D19 (1) This GPIO input signal has a debounce function. For more information on I/O Debounce configuration, see the TRM Device Configuration chapter. 5.3.10.2 MCU Domain Table 5-24. MCU_GPIO0 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] AMB PIN [4] ANF PIN [4] MCU_GPIO0_0 (1) IO General Purpose Input/Output E11 E11 MCU_GPIO0_1 (1) IO General Purpose Input/Output C11 C11 MCU_GPIO0_2 IO General Purpose Input/Output B13 B13 MCU_GPIO0_3 IO General Purpose Input/Output A15 A15 MCU_GPIO0_4 IO General Purpose Input/Output B12 B12 MCU_GPIO0_5 IO General Purpose Input/Output D8 D8 MCU_GPIO0_6 IO General Purpose Input/Output F8 F8 MCU_GPIO0_7 (1) IO General Purpose Input/Output B11 B11 MCU_GPIO0_8 (1) IO General Purpose Input/Output D10 D10 MCU_GPIO0_9 IO General Purpose Input/Output C9 C9 MCU_GPIO0_10 IO General Purpose Input/Output E9 E9 MCU_GPIO0_11 (1) IO General Purpose Input/Output C10 C10 MCU_GPIO0_12 (1) IO General Purpose Input/Output C8 C8 MCU_GPIO0_13 IO General Purpose Input/Output C7 C7 MCU_GPIO0_14 IO General Purpose Input/Output E8 E8 MCU_GPIO0_15 (1) IO General Purpose Input/Output D7 D7 MCU_GPIO0_16 (1) IO General Purpose Input/Output B9 B9 www.ti.com AM62A7, AM62A7-Q1, AM62A3, AM62A3-Q1, AM62A1-Q1 SPRSP77D – MARCH 2023 – REVISED JUNE 2025 Copyright © 2025 Texas Instruments Incorporated Submit Document Feedback 57 Product Folder Links: AM62A7 AM62A7-Q1 AM62A3 AM62A3-Q1 AM62A1-Q1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |