Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM62A32AMLHAAMB Datasheet(PDF) 54 Page - Texas Instruments

Part # AM62A32AMLHAAMB
Description  AM62Ax Sitara™ Processors
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM62A32AMLHAAMB Datasheet(HTML) 54 Page - Texas Instruments

Back Button AM62A32AMLHAAMB Datasheet HTML 50Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 51Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 52Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 53Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 54Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 55Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 56Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 57Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 247 page
background image
Table 5-21. EQEP2 Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
AMB PIN [4]
ANF PIN [4]
EQEP2_B (1)
I
EQEP Quadrature Input B
AB20, E16
AB20, E16
EQEP2_I (1)
IO
EQEP Index
AA18, B17,
R17
AA18, B17,
R17
EQEP2_S (1)
IO
EQEP Strobe
C18, K18, W17 C18, K18, W17
(1)
This EQEP input signal has a debounce function. For more information on I/O Debounce configuration, see the TRM Device
Configuration chapter.
5.3.10 GPIO
5.3.10.1 MAIN Domain
Table 5-22. GPIO0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
AMB PIN [4]
ANF PIN [4]
GPIO0_0
IO
General Purpose Input/Output
L22
L22
GPIO0_1
IO
General Purpose Input/Output
K22
K22
GPIO0_2
IO
General Purpose Input/Output
L21
L21
GPIO0_3
IO
General Purpose Input/Output
J21
J21
GPIO0_4
IO
General Purpose Input/Output
J18
J18
GPIO0_5
IO
General Purpose Input/Output
J19
J19
GPIO0_6
IO
General Purpose Input/Output
H18
H18
GPIO0_7
IO
General Purpose Input/Output
K21
K21
GPIO0_8
IO
General Purpose Input/Output
H19
H19
GPIO0_9
IO
General Purpose Input/Output
J20
J20
GPIO0_10
IO
General Purpose Input/Output
J22
J22
GPIO0_11
IO
General Purpose Input/Output
H21
H21
GPIO0_12
IO
General Purpose Input/Output
G19
G19
GPIO0_13 (1)
IO
General Purpose Input/Output
K20
K20
GPIO0_14 (1)
IO
General Purpose Input/Output
G20
G20
GPIO0_15
IO
General Purpose Input/Output
N21
N21
GPIO0_16
IO
General Purpose Input/Output
N20
N20
GPIO0_17
IO
General Purpose Input/Output
N19
N19
GPIO0_18
IO
General Purpose Input/Output
N18
N18
GPIO0_19
IO
General Purpose Input/Output
N17
N17
GPIO0_20
IO
General Purpose Input/Output
P18
P18
GPIO0_21
IO
General Purpose Input/Output
P19
P19
GPIO0_22
IO
General Purpose Input/Output
P21
P21
GPIO0_23
IO
General Purpose Input/Output
P22
P22
GPIO0_24
IO
General Purpose Input/Output
R19
R19
GPIO0_25
IO
General Purpose Input/Output
R20
R20
GPIO0_26
IO
General Purpose Input/Output
R22
R22
GPIO0_27
IO
General Purpose Input/Output
T22
T22
GPIO0_28
IO
General Purpose Input/Output
R21
R21
GPIO0_29
IO
General Purpose Input/Output
T20
T20
GPIO0_30
IO
General Purpose Input/Output
T21
T21
GPIO0_31
IO
General Purpose Input/Output
N22
N22
GPIO0_32
IO
General Purpose Input/Output
L18
L18
GPIO0_33
IO
General Purpose Input/Output
L17
L17
GPIO0_34
IO
General Purpose Input/Output
K19
K19
AM62A7, AM62A7-Q1, AM62A3, AM62A3-Q1, AM62A1-Q1
SPRSP77D – MARCH 2023 – REVISED JUNE 2025
www.ti.com
54
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM62A7 AM62A7-Q1 AM62A3 AM62A3-Q1 AM62A1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com