| Electronic Components Datasheet Search |
|
AM62A32AMLHAAMB Datasheet(PDF) 59 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM62A32AMLHAAMB Datasheet(HTML) 59 Page - Texas Instruments |
|
59 / 247 page ![]() Table 5-25. GPMC0 Signal Descriptions (continued) SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] AMB PIN [4] ANF PIN [4] GPMC0_A12 OZ GPMC address 12 Output in A/D non- multiplexed mode and unused in A/D multiplexed mode W20 W20 GPMC0_A13 OZ GPMC address 13 Output in A/D non- multiplexed mode and unused in A/D multiplexed mode W19 W19 GPMC0_A14 OZ GPMC address 14 Output in A/D non- multiplexed mode and unused in A/D multiplexed mode Y21 Y21 GPMC0_A15 OZ GPMC address 15 Output in A/D non- multiplexed mode and unused in A/D multiplexed mode Y22 Y22 GPMC0_A16 OZ GPMC address 16 Output in A/D non- multiplexed mode and unused in A/D multiplexed mode T18 T18 GPMC0_A17 OZ GPMC address 17 Output in A/D non- multiplexed mode and unused in A/D multiplexed mode U17 U17 GPMC0_A18 OZ GPMC address 18 Output in A/D non- multiplexed mode and unused in A/D multiplexed mode V17 V17 GPMC0_A19 OZ GPMC address 19 Output in A/D non- multiplexed mode and unused in A/D multiplexed mode AA22 AA22 GPMC0_A20 OZ GPMC address 20 Output in A/D non- multiplexed mode and unused in A/D multiplexed mode M20 M20 GPMC0_A21 OZ GPMC address 21 Output in A/D non- multiplexed mode and unused in A/D multiplexed mode R17 R17 GPMC0_A22 OZ GPMC address 22 Output in A/D non- multiplexed mode and unused in A/D multiplexed mode K17 K17 GPMC0_AD0 IO GPMC Data 0 Input/Output in A/D non- multiplexed mode and additionally Address 1 Output in A/D multiplexed mode N21 N21 GPMC0_AD1 IO GPMC Data 1 Input/Output in A/D non- multiplexed mode and additionally Address 2 Output in A/D multiplexed mode N20 N20 GPMC0_AD2 IO GPMC Data 2 Input/Output in A/D non- multiplexed mode and additionally Address 3 Output in A/D multiplexed mode N19 N19 GPMC0_AD3 IO GPMC Data 3 Input/Output in A/D non- multiplexed mode and additionally Address 3 Output in A/D multiplexed mode N18 N18 GPMC0_AD4 IO GPMC Data 4 Input/Output in A/D non- multiplexed mode and additionally Address 3 Output in A/D multiplexed mode N17 N17 GPMC0_AD5 IO GPMC Data 5 Input/Output in A/D non- multiplexed mode and additionally Address 3 Output in A/D multiplexed mode P18 P18 GPMC0_AD6 IO GPMC Data 6 Input/Output in A/D non- multiplexed mode and additionally Address 3 Output in A/D multiplexed mode P19 P19 GPMC0_AD7 IO GPMC Data 7 Input/Output in A/D non- multiplexed mode and additionally Address 3 Output in A/D multiplexed mode P21 P21 www.ti.com AM62A7, AM62A7-Q1, AM62A3, AM62A3-Q1, AM62A1-Q1 SPRSP77D – MARCH 2023 – REVISED JUNE 2025 Copyright © 2025 Texas Instruments Incorporated Submit Document Feedback 59 Product Folder Links: AM62A7 AM62A7-Q1 AM62A3 AM62A3-Q1 AM62A1-Q1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |