| Electronic Components Datasheet Search |
|
AM62A32AMLHAAMB Datasheet(PDF) 56 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM62A32AMLHAAMB Datasheet(HTML) 56 Page - Texas Instruments |
|
56 / 247 page ![]() Table 5-22. GPIO0 Signal Descriptions (continued) SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] AMB PIN [4] ANF PIN [4] GPIO0_80 IO General Purpose Input/Output AA16 AA16 GPIO0_81 IO General Purpose Input/Output AB16 AB16 GPIO0_82 IO General Purpose Input/Output V15 V15 GPIO0_83 IO General Purpose Input/Output W15 W15 GPIO0_84 IO General Purpose Input/Output V14 V14 GPIO0_85 IO General Purpose Input/Output V13 V13 GPIO0_86 IO General Purpose Input/Output V12 V12 GPIO0_87 IO General Purpose Input/Output Y19 Y19 GPIO0_88 IO General Purpose Input/Output AB19 AB19 GPIO0_89 IO General Purpose Input/Output AA19 AA19 GPIO0_90 IO General Purpose Input/Output Y18 Y18 GPIO0_91 IO General Purpose Input/Output AA18 AA18 (1) This GPIO input signal has a debounce function. For more information on I/O Debounce configuration, see the TRM Device Configuration chapter. Table 5-23. GPIO1 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] AMB PIN [4] ANF PIN [4] GPIO1_0 IO General Purpose Input/Output W17 W17 GPIO1_1 IO General Purpose Input/Output W18 W18 GPIO1_2 IO General Purpose Input/Output AA20 AA20 GPIO1_3 IO General Purpose Input/Output AA21 AA21 GPIO1_4 IO General Purpose Input/Output Y20 Y20 GPIO1_5 IO General Purpose Input/Output AB21 AB21 GPIO1_6 IO General Purpose Input/Output AB20 AB20 GPIO1_7 IO General Purpose Input/Output C19 C19 GPIO1_8 IO General Purpose Input/Output B19 B19 GPIO1_9 IO General Purpose Input/Output B18 B18 GPIO1_10 IO General Purpose Input/Output B20 B20 GPIO1_11 IO General Purpose Input/Output A19 A19 GPIO1_12 IO General Purpose Input/Output A20 A20 GPIO1_13 IO General Purpose Input/Output B21 B21 GPIO1_14 IO General Purpose Input/Output A21 A21 GPIO1_15 IO General Purpose Input/Output D16 D16 GPIO1_16 (1) IO General Purpose Input/Output C16 C16 GPIO1_17 IO General Purpose Input/Output A17 A17 GPIO1_18 IO General Purpose Input/Output B15 B15 GPIO1_19 IO General Purpose Input/Output E15 E15 GPIO1_20 IO General Purpose Input/Output E14 E14 GPIO1_21 IO General Purpose Input/Output D15 D15 GPIO1_22 IO General Purpose Input/Output F14 F14 GPIO1_23 IO General Purpose Input/Output C15 C15 GPIO1_24 IO General Purpose Input/Output B17 B17 GPIO1_25 IO General Purpose Input/Output C18 C18 GPIO1_26 IO General Purpose Input/Output D17 D17 GPIO1_27 IO General Purpose Input/Output E16 E16 GPIO1_28 IO General Purpose Input/Output C17 C17 AM62A7, AM62A7-Q1, AM62A3, AM62A3-Q1, AM62A1-Q1 SPRSP77D – MARCH 2023 – REVISED JUNE 2025 www.ti.com 56 Submit Document Feedback Copyright © 2025 Texas Instruments Incorporated Product Folder Links: AM62A7 AM62A7-Q1 AM62A3 AM62A3-Q1 AM62A1-Q1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |