Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCV-277/480 Datasheet(PDF) 44 Page - PANDUIT CORP.

Part # PCV-277/480
Description  EVERY 30 MINUTES A WORKER IS SEVERELY HURT FROM ELECTRICITY AND THE COSTS ARE SURPRISING
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PCV-277/480 Datasheet(HTML) 44 Page - PANDUIT CORP.

Back Button PCV-277/480 Datasheet HTML 40Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 41Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 42Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 43Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 44Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 45Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 46Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 47Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 48Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 116 page
background image
42
Safety Tags
Aluminum Inspection Record Tag
• Four-year aluminum tag
is made to withstand the
inspection period
• 0.020" Aluminum
• Pack of 5
Meets OSHA 29 CFR
§1910.157(e)
2016
2017
2019
2018
Start Year
2016
PT-1129
Scaffold Status 3 ‘n 1 Fold Tag
Simply fold tag to display appropriate message. When status changes
remove tag from holder and unfold to change message. Shown with
Secure-Status Holder.
Quickly and conveniently change the safety status of your
scaffold with our 3 ‘n 1 Fold Tag.
• Display DANGER, CAUTION or ATTENTION messages all from the same
tag with a simple fold
• Ideal for use with Secure-Status or Status Alert Holder (sold separately)
• Front and back display the same color with related info
• Folded tag size: 5 3/4" x 3 1/4". Unfolded size: 11 1/2" x 6 1/2"
• Available in Poly Cardstock (PCT) or Rigid Plastic (PVT)
in packs of 5 or 25
Material
Part No.
UOM
Part No.
UOM
Poly Cardstock
PCT-1157
Pkg. of 5
PCT-1157-Q
Pkg. of 25
Rigid Plastic
PVT-1157
PVT-1157-Q
Loop Strap Tags
Attach tags by the
self-fastening strap for
quick marking of hazards.
• Hangs on its own strap by looping
the vertical strap around itself
• Flexible 0.014" polyethylene plastic
• 5 1/4" x 3 1/4" tag body with the
strap being 1 3/8"W x 6"L x 7/16"
wide opening
• Resists grease, dirt, and moisture
• Message is printed on one
side only
• Can be written on with
permanent marker
• Available in packs of 25
PVT-1072-Q
PVT-1073-Q
PVT-1074-Q
PVT-1069-Q
PVT-1070-Q
PVT-1071-Q
PVT-1075-Q
PVT-1076-Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com