Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCV-277/480 Datasheet(PDF) 55 Page - PANDUIT CORP.

Part # PCV-277/480
Description  EVERY 30 MINUTES A WORKER IS SEVERELY HURT FROM ELECTRICITY AND THE COSTS ARE SURPRISING
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PCV-277/480 Datasheet(HTML) 55 Page - PANDUIT CORP.

Back Button PCV-277/480 Datasheet HTML 51Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 52Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 53Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 54Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 55Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 56Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 57Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 58Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 59Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 116 page
background image
Labelmakers
53
800.777.3300 | Panduit.com
Easy-Mark Plus™ Labeling Software
• Quickly and easily generate labels
• Market-specific labeling application tools assist in creation of identification
solutions for data centers, network applications, panel shops, and construction
and maintenance applications
• Saves times and money (up to 75%) with features such as WYSIWYG user
interface, data import, symbol import, and pre-loaded formats
• Upgrades available at www.panduit.com
• Site license available for up to five additional installs per license
System Requirements:
• 64 MB hard drive space and 64 MB RAM (256 MB RAM recommended)
• Windows* 2000, XP, Vista, 7, 8, or 10
• Mouse or compatible pointing device
• Microsoft.NET Framework 2.0 or higher
• CD-ROM drive or USB Port
Part No.
Description
EMPLUS-CD
Easy-Mark Plus™ Labeling Software supplied on CD-ROM
*Windows is a registered
trademark of Microsoft
Corporation in the United
States and/or other countries
Laser/InkJet Self-Laminating Wire Cable Marker Labels
• Indoor/outdoor rated for durability;
high-temperature resistance, and dimensional stability; does not stretch or easily
tear; preferred method for wire/cable labeling
• Polyester label is white* with print-on area
• Order number of labels required in multiples of Std. Pkg. Qty.
• Meets ASTM E-595 for air space handling (white only)
• Temperature Range: -65° to 225°F
Part No.
Wire / Cable Size
Label Size
Print-On Height
Min. Cable O.D.
Max. Cable O.D.
Pkg. Qty.
S050X075YAJ
For 18 – 14 AWG wire
0.5"W x 0.75"L
0.25"
0.08"
0.16"
5000
S050X125YAJ
For 12 – 10 AWG wire
0.5"W x 1.25"L
0.38"
0.12"
0.28"
S050X150YAJ
For Cat. 5e/Cat. 6/Cat. 6A cables
0.5"W x 1.5"L
0.5"
0.16"
0.32"
S100X075YAJ
For 18 – 14 AWG wire
1"W x 0.75"L
0.25"
0.08"
0.16"
2500
S100X125YAJ
For 12 – 10 AWG wire
1"W x 1.25"L
0.38"
0.12"
0.28"
S100X150YAJ*
For Cat. 5e/Cat. 6/Cat. 6A cables
1"W x 1.5"L
0.50"
0.16"
0.32"
S100X225YAJ*
For 8 – 4 AWG wire
1"W x 2.25"L
0.75"
0.24"
0.48"
1000
S100X400YAJ
For 2 – 1 AWG wire
1"W x 4"L
1.00"
0.32"
0.95"
S200X150YAJ
For Cat. 5e/Cat. 6/Cat. 6A cables
2"W x 1.5"L
0.50"
0.16"
0.32"
S200X225YAJ
For 8 – 4 AWG wire
2"W x 2.25"L
0.75"
0.24"
0.48"
S200X400YAJ
For 2 – 1 AWG wire
2"W x 4"L
1.00"
0.32"
0.95"
*Other colors available, replace A with B (Blue), C (Brown), D (Green), E (Gray), F (Orange), G (Purple), H (Red) and I (Yellow).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com