Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCV-277/480 Datasheet(PDF) 22 Page - PANDUIT CORP.

Part # PCV-277/480
Description  EVERY 30 MINUTES A WORKER IS SEVERELY HURT FROM ELECTRICITY AND THE COSTS ARE SURPRISING
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PCV-277/480 Datasheet(HTML) 22 Page - PANDUIT CORP.

Back Button PCV-277/480 Datasheet HTML 18Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 19Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 20Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 21Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 22Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 23Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 24Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 25Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 26Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 116 page
background image
20
Safety Signs & Labels
Labels
3 1/2" x 5"
D3019
1 1/2" x 3"
D3018
1 1/2" x 3"
D3020
3 1/2" x 5"
D3280
3 1/2" x 5"
D3148
3 1/2" x 5"
D3145
3 1/2" x 5"
D3284
3 1/2" x 5"
D3304
3 1/2" x 5"
D3132
3 1/2" x 5"
B3927
3 1/2" x 5"
D3134
3 1/2" x 5"
B3923
4" x 7"
D3114
3" x 7"
D3036
5" x 7"
W3658
4" x 7"
D3035
5" x 7"
C3655
3 1/2" x 5"
D3156
With Detached Arrow
3 1/2" x 5"
C3799
3 1/2" x 5"
C3686
3 1/2" x 5"
C3791
3 1/2" x 5"
C3793
3 1/2" x 5"
D3290
3 1/2" x 5"
D3155
With Detached Arrow
California Code of
Regulations, Title 8,
Section 2946, Article 37
Fire & Emergency
Signs
10" x 7"
14" x 10"
D7207
7" x 10"
10" x 14"
C7197
7" x 10"
10" x 14"
N7190
10" x 14"
B4551
10" x 14"
B4552
10" x 14"
B4512
Production Control Labels in Dispenser
• Laminated polyester label protects legend from abrasion
and chemicals
• Indoor/outdoor rated for resistance to UV light, chemical
atmosphere, and abrasion
• Excellent life and adhesion properties
• Temperature Range: -40° to 250°F
• Can be clearly identified with Panduit permanent marking pens
1" x 1.5"
PLD-11
1" x 1.5"
PLD-22
1" x 1.5"
PLD-28
1" x 1.5"
PLD-29
0.75" dia.
PLD-62
0.75" dia.
PLD-63
0.75" dia.
PLD-64
0.75" dia.
PLD-77
0.75" dia.
PLD-78
1" x 1.5"
PLD-17
1" x 1.5"
PLD-18
1" x 1.5"
PLD-3
1" x 1.5"
PLD-4
1" x 1.5"
PLD-7
Shape
Size
Labels/
Dispenser
Rectangle
1" x 1.5"
200
Circle
0.75" dia.
300
Production Control Labels on Cards
• Conformable vinyl cloth with repositionable adhesive
allows label to be removed and reused or used in
temporary applications
• Indoor/outdoor rated provides durability, high temperature
resistance, and dimensional stability for rough or
textured surfaces
• Temperature Range: -50° to 170°F
• Package of 25 cards
• Can be clearly identified with Panduit permanent
marking pens
Labels/Card
Total Labels
14
350
0.63" x 1.5"
PCWL-BL
Blank White
0.63" x 1.5"
PCWL-ACC
Accepted
0.63" x 1.5"
PCWL-CAL
Calibration
0.63" x 1.5"
PCWL-CALD
Calibrated
0.63" x 1.5"
PCWL-ICAL
Calibration
0.63" x 1.5"
PCWL-REJ
Rejected
How to Order Labels:
Select Material Code:
PVS
1
Select Size Code:
0305
2
Select Label Base
Part Number: D3304
3
Combine Codes in Specific Order
for Complete Part Number: PVS0305D3304
4
Available Materials
Codes
Adhesive Vinyl (Pkg. of 5)
PVS
Polyester Laminated Vinyl (Each)
PLVS
Available Sizes
Codes
1 1/2" x 3"
0103
3 1/2" x 5"
0305
3" x 7"
0307
4" x 7"
0407
5" x 7"
0507



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com