Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCV-277/480 Datasheet(PDF) 75 Page - PANDUIT CORP.

Part # PCV-277/480
Description  EVERY 30 MINUTES A WORKER IS SEVERELY HURT FROM ELECTRICITY AND THE COSTS ARE SURPRISING
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PCV-277/480 Datasheet(HTML) 75 Page - PANDUIT CORP.

Back Button PCV-277/480 Datasheet HTML 71Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 72Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 73Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 74Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 75Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 76Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 77Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 78Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 79Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 116 page
background image
73
Padlock | Lockout / Tagout
Part No.
Part Description
Std.
Pkg.
Qty.
PSL-20SWCA 23.00" x 23.00" (584.2mm x 584.2mm), 20 person lockout
station with components; components include:
(20) PSL-8 red non-conductive lockout padlocks
(keyed differently)
(6) PSL-1.5 lockout hasps
(25 tags) PVT-98 safety tags
(25 tags) PVT-41 safety tags
1
PSL-20SA
23.00" x 23.00" (584.2mm x 584.2mm)
20 person lockout station (sign only)
PSL-10SWCA 11.50" x 23.00" (292.2mm x 584.2mm), 10 person lockout
station with components; components include:
(10) PSL-8 red non-conductive lockout padlocks
(keyed differently)
(3) PSL-1.5 lockout hasps
(15 tags) PVT-98 safety tags
(10 tags) PVT-41 safety tags
PSL-10SA
11.50" x 23.00" (292.2mm x 584.2mm)
10 person lockout station (sign only)
PSL-4SWCA
11.50" x 11.50" (292.2mm x 292.2mm), 4 person
lockout station with components, components include:
(4) PSL-8 red non-conductive padlocks (keyed differently)
(3) PSL-1.5 lockout hasps
(15 tags) PVT-98 safety tags
PSL-4SA
11.50" x 11.50" (292.2mm x 292.2mm)
4 person lockout station (sign only)
6-Padlock Lockout Shadow Board Kit
Kit Contents:
6
Steel Padlocks, 3/4" shackle (keyed differently)
10 Laminated Lockout Tags
10 Plastic Ties
1
Scissor Hasp, 1" opening
1
Scissor Hasp, 1 1/2" opening
Lockout Stations
Board shown w/Kit
APKB071211-001KD
20”X 14”
TIME TO
REORDER
LOCKOUT
TAGS
TIME TO
REORDER
LOCKOUT
TAGS
Shadow effect
enlarged for detail
Shadow printed on board shows lockout/tagout devices are
removed for use.
Durable 14" x14" x 0.063" aluminum board has aluminum pronged hooks to
hang padlocks and hasps. Thick, molded, clear, plastic tag pockets measure
4 3/4"H x 3 5/8"W x 2"D.
6-Padlock Hanger Board Kit
Identifies and displays lockout/tagout devices while storing
supplies – at the same place.
Durable 14" x 14" x 0.063" aluminum board with metal hooks to hang padlocks
and clear plastic tag pocket.
Part No.
Description
Size
UOM
PSL-1009
Board w/Kit
14" x 14"
Each
Part No.
Description
Size
UOM
PSL-1010
Board w/Kit
14" x 14"
Each
PSL-1011
Board Only
Kit Contents:
6
Steel Padlocks, 3/4" shackle(keyed differently)
10 Laminated Lockout Tags
10 Plastic Ties
1
Scissor Hasp, 1" opening
1
Scissor Hasp, 1 1/2" opening
800.777.3300 | Panduit.com
• Conveniently store padlocks, tags, and lockout devices in one common area
• Designs available to accommodate four, ten, or twenty people



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com