Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCV-277/480 Datasheet(PDF) 18 Page - PANDUIT CORP.

Part # PCV-277/480
Description  EVERY 30 MINUTES A WORKER IS SEVERELY HURT FROM ELECTRICITY AND THE COSTS ARE SURPRISING
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PCV-277/480 Datasheet(HTML) 18 Page - PANDUIT CORP.

Back Button PCV-277/480 Datasheet HTML 14Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 15Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 16Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 17Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 18Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 19Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 20Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 21Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 22Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 116 page
background image
16
Safety Signs & Labels
Arc Flash Protection Labels
Post labels clearly identifying electrical hazards to protect
workers from arc flash, shock and electrocution.
• Bold type and graphics to be clearly seen
• Labels define specifics of electrical hazards and appropriate PPE
3 1/2" x 5"
5" x 7"
D7156
3 1/2" x 5"
5" x 7"
D7157
Incident Energy at 18 inches (cal/cm2):
Arc Flash Hazard Boundary:
PPE Minimum Arc Rating (cal/cm2):
Hazard Risk Category (HRC):
Nominal System Voltage:
Equipment ID:
Date of Assessment:
Required Level of PPE:
3 1/2" x 5"
5" x 7"
W7158
3 1/2" x 5"
5" x 7"
W7161
3 1/2" x 5"
5" x 7"
W7160
3 1/2" x 5"
5" x 7"
W7159
Incident Energy at 18 inches (cal/cm2):
Arc Flash Hazard Boundary:
PPE Minimum Arc Rating (cal/cm2):
Hazard Risk Category (HRC):
Nominal System Voltage:
Equipment ID:
Date of Assessment:
Required Level of PPE:
3 1/2" x 5"
5" x 7"
W7162
3 1/2" x 5"
5" x 7"
W7163
3 1/2" x 5"
5" x 7"
W7164
Labels
How to Order:
Select Material Code:
PVMS
1
Select Size Code:
0503
2
Select Label Base Part Number:
D3120
3
Combine Codes in Specific Order
for Complete Part Number: PVMS0503D3120
4
Available Material
Code
Magnetic Vinyl (Each)
PVMS
Available Sizes
Codes
5" x 3 1/2"
0503
7" x 5"
0705
How to Order Labels:
Select Material Code:
PLVS
1
Select Size Code:
0507
2
Select Label Base
Part Number: W7162
3
Combine Codes in Specific Order
for Complete Part Number: PLVS0507W7162
4
Available Materials
Codes
Polyester Laminated Vinyl (Each)
PLVS
Available Sizes
Codes
5" x 7"
0507
Magnetic Lockout Label
Apply, move, and re-apply to most steel
surfaces when servicing equipment.
5" x 3 1/2"
7" x 5"
D3120
Available Materials
Codes
Adhesive Vinyl (Pkg. of 5)
PVS
Polyester Laminated Vinyl (Each)
PLVS
Available Sizes
Codes
3 1/2" x 5"
0305
6" x 2"
0602
5" x 7"
0507
Select Material Code:
PVS
1
Select Size Code:
0305
2
Select Label Base
Part Number: D7149
3
Combine Codes in Specific Order
for Complete Part Number: PVS0305D7149
4
3 1/2" x 5"
5" x 7"
D7149
3 1/2" x 5"
5" x 7"
D7153
3 1/2" x 5"
D3164
3 1/2" x 5"
D3168
3 1/2" x 5"
D3177
3 1/2" x 5"
B3541
With Detached Arrow
3 1/2" x 5"
C3622
3 1/2" x 5"
5" x 7"
D7148
3 1/2" x 5"
5" x 7"
D7152
3 1/2" x 5"
D3161
3 1/2" x 5"
D3166
3 1/2" x 5"
D3176
3 1/2" x 5"
D3297
3 1/2" x 5"
5" x 7"
D7150
3 1/2" x 5"
5" x 7"
D7154
3 1/2" x 5"
D3165
3 1/2" x 5"
D3170
3 1/2" x 5"
D3178
3 1/2" x 5"
B3512
3 1/2" x 5"
D3306
3 1/2" x 5"
B3530
3 1/2" x 5"
5" x 7"
D7151
3 1/2" x 5"
5" x 7"
D7155
3 1/2" x 5"
D3167
3 1/2" x 5"
D3175
6" x 2"
B3536
How to Order:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com