Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCV-277/480 Datasheet(PDF) 79 Page - PANDUIT CORP.

Part # PCV-277/480
Description  EVERY 30 MINUTES A WORKER IS SEVERELY HURT FROM ELECTRICITY AND THE COSTS ARE SURPRISING
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PCV-277/480 Datasheet(HTML) 79 Page - PANDUIT CORP.

Back Button PCV-277/480 Datasheet HTML 75Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 76Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 77Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 78Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 79Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 80Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 81Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 82Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 83Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 116 page
background image
Padlocks | Lockout / Tagout
77
Part No.
Color
Body Width
Shackle Clearance
Height
Shackle Clearance
Width
Shackle Diameter
Pins in Cyl.
Shackle
Material
Std. Pkg.
Qty.
In.
mm
In.
mm
In.
mm
In.
mm
PSL-14ABL
Black
1 21/64
34
31/32
24.5
17/32
13.5
1/4
6.5
4
Steel
1
PSL-14BYL
Yellow
1 3/4
49
7/8
25
13/16
20
9/32
8
5
Steel
PSL-14BYL-LS
2 1/2
63
PSL-15ABU
Blue
1 3/4
49
7/8
25
13/16
20
9/32
8
5
Stainless
PSL-15ABU-LS
2 1/2
63
PSL-15BBU
Blue
1 5/32
55
1 3/64
26.5
59/64
23.5
23/64
9
5
Stainless
Weatherproof Padlock
Part No.
Body Width
Shackle Clearance
Height
Shackle Clearance
Width
Shackle Diameter
Pins in
Cyl.
Std.
Pkg.
Qty.
In.
mm
In.
mm
In.
mm
In.
mm
PSL-17ABL
1 11/16
43
13/16
21
13/16
20
1/4
6
4
1
PSL-17BBL
2
53
15/16
24
1
25
9/32
7
5
Part No.
Body Width
Shackle Clearance Height
Shackle Clearance Width
Shackle Diameter
Std. Pkg. Qty.
In.
mm
In.
mm
In.
mm
In.
mm
PSL-18
2
53
1
25
1
25
5/16
8
1
PSL-18-LS
2 1/2
63
800.777.3300 | Panduit.com
• Solid brass body to stand up to the harshest environments
• Sealed lock body with cover seal and drainage channels to protect against water and dirt
• Inner components made from non-corrosive materials
• Standard locks are keyed differently. Also available in keyed alike and master keyed options
(contact customer service for further details).
Available in other
colors by special order
Non-Sparking Brass Padlock
• Shackle and body made from solid brass
• Inner components made from non-corrosive materials
• Color: Black
• Standard locks are keyed differently. Also available in keyed alike and master keyed options
(contact customer service for further details).
Brass Weatherproof Combination Padlock
• Forged brass body with stainless steel shackle
• 4-digit resettable code
• Inner components made from non-corrosive materials
• Resettable combination (comes with resettable tool)
• Color: Brass



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com