Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCV-277/480 Datasheet(PDF) 87 Page - PANDUIT CORP.

Part # PCV-277/480
Description  EVERY 30 MINUTES A WORKER IS SEVERELY HURT FROM ELECTRICITY AND THE COSTS ARE SURPRISING
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PCV-277/480 Datasheet(HTML) 87 Page - PANDUIT CORP.

Back Button PCV-277/480 Datasheet HTML 83Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 84Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 85Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 86Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 87Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 88Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 89Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 90Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 91Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 116 page
background image
85
GHS Jumbo Tags
Size
Material
Code
Std. Pkg. Qty.
8 1/2" x 3 7/8"
Poly Cardstock
PCT-
5
Rigid Plastic
PVT-
1121
1122
1123
Standard Back
Comments
Refer to Safety Data Sheet
for more information.
Label set includes
9 pictograms and
2 signal words
Attach tags to chemicals in the workplace, and add the appropriate signal
word and GHS pictogram labels to identify the hazards.
• Large tags with space to write in the product/chemical identification, hazard statements and
additional comments on the back
• Label set of nine pictograms and the two approved signal words “Danger” and “Warning” are
included for each tag and made of adhesive vinyl
• Available in two stock materials, in packs of 5
To Order Tags: Add material code before part number.
Example: Material Code PCT- + Part No. 1121 = PCT-1121
GHS | Haz-Com / GHS
800.777.3300 | Panduit.com
Flame
1" x 1"
PHC02
2" x 2"
PHC11
Flame Over Circle
1" x 1"
PHC03
2" x 2"
PHC12
Exploding Bomb
1" x 1"
PHC04
2" x 2"
PHC13
Skull & Crossbones
1" x 1"
PHC07
2" x 2"
PHC16
Corrosion
1" x 1"
PHC05
2" x 2"
PHC14
Gas Cylinder
1" x 1"
PHC06
2" x 2"
PHC15
Exclamation Mark
1" x 1"
PHC08
2" x 2"
PHC17
Health Hazard
1" x 1"
PHC10
2" x 2"
PHC19
Environment
1" x 1"
PHC09
2" x 2"
PHC18
Non-mandatory
GHS Pictogram Labels
Pictogram labels comply
with the Globally Harmonized System.
• Identify hazards associated with chemicals
• The Hazard Communication Standard (HCS) requires eight of the nine
GHS pictograms
• The environment pictogram is non-mandatory since environmental
hazards fall outside OSHA’s jurisdiction
• Available in adhesive-coated paper and adhesive-poly sheet
• 250 or 500 per roll
To Order Labels: Add material/quantity code after part number.
Example: Part No. PHC02 + Material/Quantity Code PB = PHC02PB
Adhesive Coated Paper
Adhesive-Poly Sheet
Std. Pkg. Qty.
Code
Code
PS
VS
250
PB
VB
500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com