Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCV-277/480 Datasheet(PDF) 20 Page - PANDUIT CORP.

Part # PCV-277/480
Description  EVERY 30 MINUTES A WORKER IS SEVERELY HURT FROM ELECTRICITY AND THE COSTS ARE SURPRISING
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PCV-277/480 Datasheet(HTML) 20 Page - PANDUIT CORP.

Back Button PCV-277/480 Datasheet HTML 16Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 17Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 18Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 19Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 20Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 21Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 22Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 23Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 24Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 116 page
background image
18
Safety Signs & Labels
Electrical Labels in Dispenser
• Laminated polyester label protects legend from
abrasion and chemicals
• Indoor/outdoor rated for resistance to UV light, chemical
atmosphere, and abrasion
• Excellent life and adhesion properties
• Temperature Range: -40° to 250°F
• 200* labels/dispenser
*PLD-57, 300 labels/dispenser
*PLD-60, 100 labels/dispenser
*PLD-71, 150 labels/dispenser
1" x 1.5"
PLD-74
1" x 1.5"
PLD-80
1" x 1.5"
PLD-81
1" x 1.5"
PLD-91
1" x 3"
PLD-60*
1.5" x 1"
PLD-67
1" x 1.5"
PLD-68
1" x 2"
PLD-71*
1" x 1.5"
PLD-72
1" x 1.5"
PLD-58
1" x 1.5"
PLD-30
1" x 1.5"
PLD-38
1" x 1.5"
PLD-43
1" x 1.5"
PLD-12
120 V
1" x 1.5"
PLD-36
220 V
1" x 1.5"
PLD-37
1" x 1.5"
PLD-56
.75" dia.
PLD-57*
1" x 1.5"
PLD-52
230 V
1" x 1.5"
PLD-45
1" x 1.5"
PLD-46
277/480 V
1" x 1.5"
PLD-47
Conductor Identification Labels
• Pre-printed polyester
laminated label protects
legend from abrasion
and chemicals
• Indoor/outdoor rated for
resistance to UV light,
chemical atmosphere,
and abrasion
• Excellent life and
adhesion properties
• Temperature Range:
-40° to 250°F
• Package of 10 sheets
• Pre-printed black on yellow with
adhesive back vinyl cloth
• Conformable material with
repositionable adhesive allows label
to be removed and reused or used in
temporary applications
• Indoor/outdoor rated for durability,
high temperature resistance, and
dimensional stability for rough or
textured surfaces
• Temperature Range: -50° to 170°F
• Packages of 10 cards
How to Order:
Material Code:
PESC-
1
Select Size Code:
1/2" – H-
2
Select Symbol Code:
– AT
3
Combine Codes in Specific Order
for Complete Part Number: PESC-H-AT
4
Size Code
Label Size
Labels/Card
Pkg. Qty.
H
0.5" x 0.5"
68
680
J
0.75" x 0.75"
36
360
CE
CE symbol
Size: A, B, C, D, E
How to Order:
Material Code:
PESS-
1
Select Size Code:
.49" – A-
2
Select Symbol Code:
– CE
3
Combine Codes in Specific Order
for Complete Part Number: PESS-A-CE
4
Size Code
Label Size Diameter
Labels/Sheet
Pkg. Qty.
A
0.49"
20
200
B
0.63"
C
0.79
10
100
D
0.98"
E
1.24"
ES
Earth (ground)
Size: A, B, C, D, E
L1
Outer conductor
Size: A, B, C, D, E
L2
Outer conductor 2
Size: A, B, C, D, E
L3
Outer conductor 2
Size: A, B, C, D, E
LF
Lead free symbol
Size: A
N
Neutral conductor
Size: A, B, C, D
PE
Protective conductor
Size: A
ROHS
RoHS wheeled
bin symbol
Size: A
SS
Safety function
Size: A, B, C, D
Electrical Symbol Labels on Cards
0.5" x 0.5" 0.75" x .075"
AT
Warning of dangerous
electrical voltage
0.5" x 0.5" 0.75" x 0.75"
E
Earth (ground)
0.5" x 0.5" 0.75" x 0.75"
EC
Safety function
0.5" x 0.5" 0.75" x 0.75"
PE
Protective conductor
0.5" x 0.5" 0.75" x 0.75"
HT
Static sensitive
device – handling
precautions required



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com