Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCV-277/480 Datasheet(PDF) 95 Page - PANDUIT CORP.

Part # PCV-277/480
Description  EVERY 30 MINUTES A WORKER IS SEVERELY HURT FROM ELECTRICITY AND THE COSTS ARE SURPRISING
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PCV-277/480 Datasheet(HTML) 95 Page - PANDUIT CORP.

Back Button PCV-277/480 Datasheet HTML 91Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 92Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 93Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 94Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 95Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 96Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 97Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 98Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 99Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 116 page
background image
Floor Tapes | Floor Signs & Tapes
93
Message Marking Tapes
Reflective Tapes
Marking Tapes
Mark specific areas
and promote safety by
identifying potential hazard
areas with visible tapes.
• 0.006" vinyl adheres to
floors, walls, piping, posts,
beams, handrails, stairways,
machinery, and equipment
• Waterproof, wear-resistant,
minor resistance to acids, oils,
grease, caustics, alkalis, and
most solvents
• Permanent self-adhesive back
Colors and combinations meet specific industry and OSHA 29 CFR
§1910.144 warning requirements
Part No.
Size
UOM
Solid Colors
PFM2X36
2" x 108-ft.
Roll
PFM2X60
2" x 180-ft.
Checkerboard Pattern
PFMC2X18
2" x 54-ft.
Roll
Stripe Pattern
PFM2X18
2" x 54-ft.
Roll
PFM2X36
2" x 108-ft.
Part No.
Size
UOM
Solid Colors
PFM3X36
3" x 108-ft.
Roll
PFM3X60
3" x 180-ft.
Checkerboard Pattern
PFMC3X18
3" x 54-ft.
Roll
Stripe Pattern
PFM3X18
3" x 54-ft.
Roll
PFM3X36
3" x 108-ft.
To Order: Add color code after part number.
Example: Part No. PFM2X36 + Color Code WHT = PFM2X36WHT
Color/Combination
Code
Application
Solid Colors
White
WHT
General Facility
Gray
GRY
Brown
BRN
Black
BLK
Red
RED
Fire Protection Equipment & Danger Hazards
Orange
ORN
Danger Points on Machines
Yellow
YEL
Physical Hazards
Green
GRN
First Aid & Safety Equipment
Blue
BLU
Machinery being Worked On
Purple
PUR
X-ray & Radiation Hazards
Checkerboard and Stripe Pattern
Black/Yellow
BY
General, Physical Hazards
Red/White
RW
Fire Protection & Equipment
Black/White
BW
Housekeeping, Aisles, Traffic, & Passageways
Magenta/Yellow
MY
Radiation Areas
Green/White
GW
Safety & First Aid
Blue/White
BLW
Defective Equipment
Orange/White
OW
Traffic and Caution
Use marking tape with specific message to point out potential
hazard areas.
• Bold contrasting message printed repeatedly
• 6-mil vinyl adheres to floors, walls, and equipment
• Clear overlaminate protective film resists dirt,
light chemicals and light abrasions
• Permanent, self-adhesive back
• 2" x 54-ft. rolls
UOM
Roll
PFM0114
PFM0115
PFM0116
• Safety-grade with
‘bounce-back’ reflectivity
• Improved daytime, low-light
and night time visibility
• 0.0055" thick urethane tape
• Permanent adhesive with
peel-off liner
• Suitable for outdoor use on
poles, barricades, fences,
buildings, private roads, and
off-road vehicles
Part No.
Size
UOM
PFMR2X15
2" x 15-ft.
Roll
PFMR2X30
2" x 30-ft.
PFMR3X15
3" x 15-ft.
To Order: Add color code after part number.
Example: Part No. PFMR2X15 + Color Code BW = PFMR2X15BW
Color
Code
Solid Colors
Black
BLK
Blue
BLU
Green
GRN
Orange
ORN
Red
RED
White
WHT
Yellow
YEL
Stripe Colors
Black/White
BW
Black/Yellow
BY
Orange/White
OW
Red/White
RW
Available colors with color code:
800.777.3300 | Panduit.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com