Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCV-277/480 Datasheet(PDF) 84 Page - PANDUIT CORP.

Part # PCV-277/480
Description  EVERY 30 MINUTES A WORKER IS SEVERELY HURT FROM ELECTRICITY AND THE COSTS ARE SURPRISING
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PCV-277/480 Datasheet(HTML) 84 Page - PANDUIT CORP.

Back Button PCV-277/480 Datasheet HTML 80Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 81Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 82Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 83Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 84Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 85Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 86Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 87Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 88Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 116 page
background image
82
Haz-Com / GHS | Haz-Waste & NFPA
Drum & Container Labels
PHC0139
PHC0138
PHC0136
PHC0134
PHC0135
PHC0137
PHC0132
PHC0133
Label drums and containers to identify contents considered
hazardous for handling.
• Available with peel-off liner in: Adhesive Coated Paper and flexible
Adhesive-Poly Sheet
• Labels measure 6" x 6"
• Package of 25 or 100
To Order Labels: Add material/quantity code after part number.
Example: Part No. PHC0139 + Material/Quantity Code PQ = PHC0139PQ
Adhesive Coated Paper
Adhesive-Poly Sheet
Std. Pkg. Qty.
Code
Code
PQ
VQ
25
PC
VC
100
Std. Pkg. Qty.
25
PCB Labels
Available in
Adhesive-Poly Sheet,
Package of 25 only
Attach tags to hazardous material containers that are
difficult to label with adhesive marking.
Tags contain NFPA or HMCIS symbols to help communicate and comply with
OSHA 29 CFR 1910.1200 by conveying important chemical hazard information.
Fill in the hazard code and related information for handling and exposure to
hazardous chemicals.
Use Hazardous Waste tags to comply with EPA (40 CFR part 262.32) and
DOT (49 CFR part 172) regulations to mark hazardous waste.
Hazardous Material Tags
How to Order Tags:
Select Material Code: PCT-
1
Select Tag Base Part Number: 1118
2
Select Package: 5/Pk – (blank); 25/Pk – -Q
3
Combine Codes in Specific Order for Complete Part Number:
5/Pk – PCT-1118; 25/pk – PCT-1118-Q
4
Available Materials Codes
Poly Cardstock
PCT-
Rigid Plastic
PVT-
Available Packages Codes
Pk. of 5
(blank)
Pk. of 25
-Q
Back
Front
1118
Back
Front
1119
Back - protective equipment;
chemical’s severity; chemical
name; target organ.
Back - quick reference to the
hazard code index; definitions.
Back
Front
1120
Back - chemical name; route of
entry; health hazards; physical
hazards; target organs and effects.
Back
Front
1124
Back - protective equipment;
chemical’s severity; chemical
name; target organ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com