Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCV-277/480 Datasheet(PDF) 67 Page - PANDUIT CORP.

Part # PCV-277/480
Description  EVERY 30 MINUTES A WORKER IS SEVERELY HURT FROM ELECTRICITY AND THE COSTS ARE SURPRISING
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PCV-277/480 Datasheet(HTML) 67 Page - PANDUIT CORP.

Back Button PCV-277/480 Datasheet HTML 63Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 64Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 65Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 66Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 67Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 68Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 69Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 70Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 71Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 116 page
background image
65
Hasp | Lockout / Tagout
Aluminum Tag Hasps
Lock out more equipment with the large reach
hasp made to withstand tough and abusive
environments.
• Scissor-style hasp comprised of two high-strength
0.090" thick red anodized aluminum plates
• Accommodates up to six padlocks (sold separately)
• Crossover jaw ends prevent prying and tampering
• Get true 1 1/2" round reach with the full jaw opening
• Measures 7"H x 2 3/4"W
• Bold, contrasting red/white/black lockout hazard
message labels on both sides — with space to write in
necessary information
• Red octagon shape reinforces lockout status and
conveys STOP
Double-Cross Aluminum Tag Hasps
Lock out equipment with large reach,
pry-resistant hasps.
• Made of two red anodized, 0.090" aluminum plates
• Double-crossed, octagon-shaped jaws are offset to
cross over one another when closed, preventing the
hasp from being easily pried apart
• Openings provide optimal reach - 1 3/4" dia. on one
end and 3/4" dia. on the other
• Measures 7"H x 3 1/8"W (2 3/4" in the body) with
hazard message labels on both sides
• Red octagon shape reinforces lockout status and
conveys STOP
PSL-1023
UOM
Each
UOM
Each
Tag Hasp
Change out, insert, and secure a tag for each
lockout situation with the Tag Hasp.
• 5 1/4" x 3" hasp fits in the palm of the hand
• Lightweight, all-dielectric plastic design
• STOP-shaped octagon front panel contains
changeable Tab Tag (sold separately below)
Easy to use:
• Insert lockout tag over the top hole inside the front panel
• Close down the 2 1/4" octagon panel
to hold the tag in place
• Insert the open end of the 1/4" wide loop
to lockout the device
• Hasp hangs by the 1 3/8" x 2 3/4" closed oval loop
• Secures with up to three padlocks (sold separately)
• Red octagon shape reinforces lockout status and
conveys STOP
PSL-1018
PSL-1019
Open position to insert tag
Loop end brace and secure in place by padlock
English, Spanish,
and French labels
included.
PSL-1021
PSL-1022
Back
Crossover jaw
prevents prying
and tampering.
English, Spanish,
and French labels
included.
PSL-1024
Back
Std. Qty. Pkg.
25
Tab Tags
• Unique tag design fits over
special octagon-shaped tab
• For use with Tag Hasp (above)
• Tag is secured when the device
is in the locked position
• Show the full face of the tag at
all times
• Tags measure 4 1/2" x 2 1/8"
• Durable, 0.015" rigid
plastic material
• Pack of 25
Back
Part No.
UOM
PSL-1020
Each
Shown with
padlocks,
tab tag, sold
separately
800.777.3300 | Panduit.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com