Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCV-277/480 Datasheet(PDF) 11 Page - PANDUIT CORP.

Part # PCV-277/480
Description  EVERY 30 MINUTES A WORKER IS SEVERELY HURT FROM ELECTRICITY AND THE COSTS ARE SURPRISING
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PCV-277/480 Datasheet(HTML) 11 Page - PANDUIT CORP.

Back Button PCV-277/480 Datasheet HTML 7Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 8Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 9Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 10Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 11Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 12Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 13Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 14Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 15Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 116 page
background image
Safety Signs & Labels
9
800.777.3300 | Panduit.com
Glow-in-the-Dark UL Exit Signs
Normal lighting
Blackout
The Next Generation in Technology
UL glow exit signs store energy from virtually any artificial
light source. When properly charged, UL glow signs will
glow for over six hours in the event of a blackout. Low-profile,
non-radioactive signs can be used for both high-level and
low-level applications, and require no electrical hook-up.
• Recyclable
• Energy-saving
• Easy to install
• Maintenance free, 25+ year life
Meets The Following Standards:
• Meets NFPA Life Safety Code 101
and OSHA requirements
• Meets current Building Codes: IBC, ICBO, BOCA
and SBCCI, NFPA 5000
• ICC ES report #ER-6040
• California State Fire Marshal listing #6200-1617; 100
• City of Los Angeles Research Report: RR 25531 (CSI #16530)
• Ontario Building Materials Evaluation Commission
• Authorization Report BMEC # 03-12-291
Steel Case Style
• 50-ft. viewing distance
• Glow-in-the-dark letters on your choice
of three background colors
• Photoluminescent panel is housed inside
a durable steel casing
• “Punch-out” directional arrows included
• Surface, flag, or ceiling mount
• Sign size: 8 1/4"H x 15 1/4"W x 1/4"D
• Letter size: 7"H x 7/8" stroke
Standard Letters
Reflective Letters
Plastic Case Style
• 50-ft. viewing distance
• Choose glow-in-the-dark letters on your
choice of three background colors
• Photoluminescent panel is housed inside
a durable plastic casing
• “Punch-out” directional arrows included
• Surface, flag, or ceiling mount
• Mounting hardware included
• Sign size: 8 3/4"H x 15 3/8"W x 3/4"D
• Letter size: 7"H x 7/8" stroke
When ordering, specify case color:
Red – RD, Green – GN, or Black – BK.
When ordering, specify case color:
Red – RD, Green – GN, or Black – BK.
Part No.
Description
UOM
PSSE020
Single-face
Each
PSSE023
Double-face
Part No.
Description
UOM
PSSE016
Standard Letters
Each
PSSE018
Reflective Letters
When ordering, specify letter color:
Red – RD, or Green – GN.
One-Dimensional
Plate Style
• 50-ft. viewing distance
• Colored letters on glow-in-the-dark background with
optional black plastic frame
• Choose standard or high visibility, reflective lettering
in your choice of two colors
• Durable, impact-resistant plastic with 4 corner
mounting holes
• “Punch-out” directional arrows included
• Wall mount only
• Sign size: 7 1/2"H x 13"W
• Letter size: 6"H x 13/16" stroke
Part No.
Description
UOM
PSSE007
Single-face
Each
PSSE010
Single-face
w/mounting brackets
PSSE013
Double-face
w/mounting brackets



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com