Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCV-277/480 Datasheet(PDF) 91 Page - PANDUIT CORP.

Part # PCV-277/480
Description  EVERY 30 MINUTES A WORKER IS SEVERELY HURT FROM ELECTRICITY AND THE COSTS ARE SURPRISING
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PCV-277/480 Datasheet(HTML) 91 Page - PANDUIT CORP.

Back Button PCV-277/480 Datasheet HTML 87Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 88Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 89Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 90Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 91Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 92Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 93Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 94Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 95Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 116 page
background image
89
Temporary Traffic Control Signs | Traffic Signs
800.777.3300 | Panduit.com
Single Spring Sign Stand
NCHRP-350
compliant.
Single coil spring-loaded design adds stability and
flexibility to stand up to wind loads and gusts.
• Leg levers for easy deployment – opens to a wide footprint of
67 1/2" x 42"
• Ergonomic design also allows users to lift up on legs to drop
them into place
• Folds to compact size, 8" x 6" x 25 1/4"
• Powder-coated, galvanized steel frames with non-slip rubber tips
• Weight: 24 lbs.
• For use with 36" or 48" diamond shaped roll-up construction signs
with fiberglass cross-ribs (sold separately on next page)
• Meets Manual on Uniform Traffic Control Devices
(MUTCD)specifications
Part No.
UOM
PTS202
Each
Spring-Less Sign Stand
Part No.
UOM
PTS201
Each
NCHRP-350
compliant.
Economy-grade, roll-up stand for use in moderate
winds and light traffic conditions.
• Opens quickly and easily to a wide, 66 1/2" x 43 1/2", stable footprint
• Folds to compact size, 6 1/2" x 8 1/2" x 25"
• Powder-coated, galvanized steel frames with non-slip rubber tips
• Weight: 22 lbs.
• For use with 36" or 48" diamond shaped roll-up
construction signs with fiberglass cross-ribs
(sold separately on next page)
• Meets Manual on Uniform Traffic Control Devices (MUTCD)
specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com