Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCV-277/480 Datasheet(PDF) 19 Page - PANDUIT CORP.

Part # PCV-277/480
Description  EVERY 30 MINUTES A WORKER IS SEVERELY HURT FROM ELECTRICITY AND THE COSTS ARE SURPRISING
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PCV-277/480 Datasheet(HTML) 19 Page - PANDUIT CORP.

Back Button PCV-277/480 Datasheet HTML 15Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 16Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 17Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 18Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 19Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 20Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 21Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 22Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 23Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 116 page
background image
Safety Signs & Labels
17
800.777.3300 | Panduit.com
Voltage and Fiber Optic Markers
• Available in adhesive-backed vinyl and pre-coiled polyester to protect legend with
excellent life and adhesion properties
• Indoor/outdoor rated for resistance to UV light, chemical atmosphere, and abrasion
• Black on orange labels provide a highly visible warning for electrical hazards
• Temperature Range: -40° to 250°F
Part No.
Legend
PCV-110
110 VOLTS
PCV-115
115 VOLTS
PCV-120/208
120/208 VOLTS
PCV-120
120 VOLTS
PCV-12470
12470 VOLTS
PCV-13200
13200 VOLTS
PCV-13800
13800 VOLTS
PCV-1PH
SINGLE PHASE
PCV-208
208 VOLTS
PCV-220
220 VOLTS
PCV-2300
2300 VOLTS
Part No.
Legend
PCV-230
230 VOLTS
PCV-2400
2400 VOLTS
PCV-240
240 VOLTS
PCV-277/480
277/480 VOLTS
PCV-277
277 VOLTS
PCV-380
380 VOLTS
PCV-3PH
THREE PHASE
PCV-415
415 VOLTS
PCV-4160
4160 VOLTS
PCV-440
440 VOLTS
PCV-460
460 VOLTS
Part No.
Legend
PCV-480
480 VOLTS
PCV-600
600 VOLTS
PCV-BLANK
BLANK –
NO LEGEND
PCV-ES
EMERGENCY
SERVICE
PCV-FA
FIRE ALARM
PCV-FO
FIBER OPTIC
PCV-FOC
FIBER OPTIC
CABLE
PCV-MAIN
MAIN
PCV-TELE
TELEPHONE
Style M
Part No.
Style R
Part No.
Legend
–
PCV-120
120 Volts
–
PCV-480
480 Volts
PCV-FO
PCV-FO
Fiber Optic
To Order Adhesive-Backed: Add size code after part number. Available sizes AY, BY, CY.
To Order Pre-Coiled: Add size code after part number.
Available sizes MY, RY.
Voltage Marker Books
• Black on orange labels
provide a highly visible
warning for electrical hazards
• Indoor rated economical
general purpose vinyl
• Excellent adhesion
properties when applied to a
clean, dry surface
• Temperature Range:
-40° to 200°F
Part No.
Legend
PCVB-110Y
110 VOLTS
PCVB-220Y
220 VOLTS
PCVB-277Y
277 VOLTS
PCVB-277/480Y
277/480 VOLTS
PCVB-440Y
440 VOLTS
PCVB-480Y
480 VOLTS
PCVB-4160Y
4160 VOLTS
Marker Size
Markers/
Page
Markers/
Book
1.5"H x 3.25"W
3
30
ISO Warning Symbol Labels
Paper
• Indoor rated general purpose
• Excellent adhesion properties when
applied to a clean, dry surface
• Temperature Range: -65° to 200°F
Part No.
Description
Size
Labels Per Roll
WL1
STATIC AWARENESS WARNING
2" x 2"
500
WL3
WL1
WL3
Vinyl
• Laminated label material protects legend from
abrasion and chemicals
• Indoor/outdoor rated for resistance to UV light,
chemical atmosphere, and abrasion
• Excellent life and adhesion properties
• Temperature Range: -40° to 176°F
WL33Y
Size
Code
Marker Size
Pipe/Conduit
O.D. Range
Markers
Per Card
Cards/
Pkg.
Total
Markers
AY
2.25"H x 9"W
3" and Over
1
5
5
BY
1.13"H x 4.5"W
1.25" – 3"
4
20
CY
0.5"H x 2.2"W
1.25" – Under
18
90
Adhesive-Backed Vinyl Markers
Size
Code
Marker Size
Pipe/Conduit
O.D. Range
Markers
Per Card
Cards/
Pkg.
Total
Markers
MY
23"H x 14"W
2.25" – 6"
1
1
1
RY
8"H x 8"W
0.75" – 2.25"
Pre-Coiled Poly Markers
How to Order:
Select Legend Code:
PCV-110
1
Select Size Code:
2.25"H x 9"W – AY
2
Combine Codes in Specific Order
for Complete Part Number: PCV-110AY
3
Part No.
Description
Size
Labels Per Roll
WL32Y
RISK OF ELECTRIC SHOCK symbol
1.5” x 1.5”
50
WL33Y
4.5" x 4.5"
WL35Y
2.0” x 2.0”
WL36Y
2.0” x 2.0”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com