Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCV-277/480 Datasheet(PDF) 97 Page - PANDUIT CORP.

Part # PCV-277/480
Description  EVERY 30 MINUTES A WORKER IS SEVERELY HURT FROM ELECTRICITY AND THE COSTS ARE SURPRISING
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PCV-277/480 Datasheet(HTML) 97 Page - PANDUIT CORP.

Back Button PCV-277/480 Datasheet HTML 93Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 94Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 95Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 96Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 97Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 98Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 99Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 100Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 101Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 116 page
background image
95
Floor Tapes | Floor Signs & Tapes
Floor Marking Shapes
Mark directional traffic paths or hazardous areas on floors,
stairways, and walls.
• 0.005" vinyl
• Individually die-cut shapes
• Aggressive, permanent, self-adhesive back
• Peel-off liner
*Size for: Dot by diameter
Available colors with color code:
Red – RED, Blue – BLU, Green – GRN, Black – BLK, Yellow – YEL,
Orange – ORN, White – WHT
Size*
Std. Pkg. Qty.
UOM
2"
250
Roll
3"
4"
100
Roll
6"
5 Pair
Pkg.
12"
To Order: Add color code after part number.
Example: Part No. PFMD2 + Color Code BLU = PFMD2BLU
6"
PFMF6
4"
PFMD4
2"
PFMD2
3"
PFMD3
4"
PFMA4
2"
PFMA2
3"
PFMA3
12"
PFMF12
Glow-in-the-Dark Tapes & Shapes
Visibility and safety in emergency blackout situations
• Photoluminescent tapes and shapes store energy
from any light source
• 10-hour glow rating
• 0.010" polyester with laminated gloss surface
• Permanent adhesive backing with peel-off liner
Solid Color
Stripe Pattern
Arrow Pattern
Size
Part No.
UOM
Part No.
UOM
Part No.
UOM
PFM0243
Roll
PFM0246
Roll
PFM0249
Roll
2" x 15-ft.
PFM0244
PFM0247
PFM0250
2" x 30-ft.
PFM0245
PFM0248
PFM0251
3" x 15-ft.
Size
Std. Pkg. Qty.
UOM
2"
50
Roll
3"
6"
1 Pair
Pkg.
12"
Glow-in-the-Dark Tapes
6"
PFM0332
12"
PFM0328
2"
PFM0333
3"
PFM0329
2"
PFM0330
3"
PFM0331
Glow-in-the-Dark Shapes
Dots
Arrows
Footprints
Dots
Arrows
Footprints
*Size for: Arrow measured
by width of point
*Size for: Footprint is
6" or 12" length
800.777.3300 | Panduit.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com