Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCV-277/480 Datasheet(PDF) 78 Page - PANDUIT CORP.

Part # PCV-277/480
Description  EVERY 30 MINUTES A WORKER IS SEVERELY HURT FROM ELECTRICITY AND THE COSTS ARE SURPRISING
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PCV-277/480 Datasheet(HTML) 78 Page - PANDUIT CORP.

Back Button PCV-277/480 Datasheet HTML 74Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 75Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 76Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 77Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 78Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 79Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 80Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 81Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 82Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 116 page
background image
76
Lockout / Tagout | Padlocks
Non-Conductive Safety Padlocks
Aluminum body and shackle with non-conductive vinyl cover delivers protection
against electrical hazards for maximum safety, specifically in lockout/tagout
applications. Padlock is available with the standard 1.77" body or 3.00" long body
design that allows safety message to be displayed on the padlocks in two languages.
Body Height
1.77" (45.2mm)
Body Height
3.00" (76.2mm)
Color
Std.
Pkg.
Qty.
Part Number
PSL-8BL
PSL-8BL-LB
Black
1
PSL-8BU
PSL-8BU-LB
Blue
PSL-8GR
PSL-8GR-LB
Green
PSL-8OR
PSL-8OR-LB
Orange
PSL-8
PSL-8-LB
Red
PSL-8YL
PSL-8YL-LB
Yellow
PSL-8PU
PSL-8PU-LB
Purple
PSL-8BR
PSL-8BR-LB
Brown
Body Height 1.62"
(41.1mm)
Shackle Height
1.00" (25.4mm)
Body Height 1.62"
(41.1mm)
Shackle Height
3.00" (76.2mm)
Body Height 1.25"
(41.1mm)
Shackle Height
1.00" (25.4mm)
Color
Std.
Pkg.
Qty.
Part Number
PSL-7BL
PSL-7BL-LS
PSL-12BL
Black
1
PSL-7BU
PSL-7BU-LS
PSL-12BU
Blue
PSL-7GR
PSL-7GR-LS
PSL-12GR
Green
PSL-7OR
PSL-7OR-LS
PSL-12OR
Orange
PSL-7
PSL-7-LS
PSL-12
Red
PSL-7YL
PSL-7YL-LS
PSL-12YL
Yellow
PSL-7PU
PSL-7PU-LS
PSL-12PU
Purple
PSL-7BR
PSL-7BR-LS
PSL-12BR
Brown
Specialty Padlocks
Part No.
Part Description
Color
Std. Pkg.
Qty.
PSL-9
Harsh environment padlock;
shackle height 1.00" (25.4mm)
Silver
1
PSL-9-LS
Harsh environment padlock;
shackle height 3.00" (76.2mm)
PSL-CS
Flexible shackle padlock;
shackle height 5.00" (127.0mm)
Red
Harsh environment padlocks are created
with a solid brass body with a chrome
finish and stainless steel shackle for use
in severe weather and environmental
conditions. Flexible shackle padlocks allow
movement of the lock body in order to
close the panel door
Aluminum Padlocks
Solid aluminum body with anodized aluminum finish design can withstand extreme
environmental conditions for improved durability and enhanced corrosion resistance.
These padlocks are available with standard 1.50" x 1.62" body or ultra-compact
1.25" x 1.37" body for lockout operations in tight spaces.
PSL-8 and PSL-8-LB
PSL-7 and PSL-7-LS
PSL-9 and PSL-9-LS
PSL-CS
PSL-12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com