Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCV-277/480 Datasheet(PDF) 60 Page - PANDUIT CORP.

Part # PCV-277/480
Description  EVERY 30 MINUTES A WORKER IS SEVERELY HURT FROM ELECTRICITY AND THE COSTS ARE SURPRISING
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PCV-277/480 Datasheet(HTML) 60 Page - PANDUIT CORP.

Back Button PCV-277/480 Datasheet HTML 56Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 57Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 58Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 59Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 60Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 61Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 62Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 63Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 64Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 116 page
background image
58
ID Tags & Pipe Markers | Pipe Markers
Part No.
Legend
1205
1207
1209
1211
1213
1215
1217
1219
1221
1223
1225
1227
1229
1231
1233
1235
1237
1239
1241
1243
1245
1247
1249
1251
1253
1257
1259
1261
1263
1265
1267
1269
1271
1273
1275
1277
1279
1281
1283
Part No.
Legend
1285
1287
1289
1291
1293
1295
1297
1299
1301
1303
1305
1307
1309
1311
1313
1315
1317
1319
1321
1323
1325
1327
1329
1331
1333
1335
1337
1339
1341
1343
1345
1347
1349
1351
1353
1357
1359
1361
1363
Part No.
Legend
1365
1367
1369
1371
1373
1375
1377
1379
1381
1383
1385
1387
1389
1391
1393
1395
1397
1399
1401
1403
1405
1407
1409
1411
1413
1415
1417
1419
1421
1423
1425
1427
1429
1431
1433
1435
1437
1439
1441
Part No.
Legend
1443
1445
1447
1449
1451
1453
1457
1459
1461
1463
1465
1467
1469
1471
1473
1475
1477
1479
1481
1483
1485
1487
1489
1491
1493
1495
1497
1499
1501
1503
1505
1507
1509
1511
1513
1515
1517
1519
1521
How to Order
Pipe Markers:
Select Material Code:
Self Stick – PPMA
1
Select Pipe Marker Base
Part Number: 1001
2
Select Size Code:
3/4" to 1 1/4" – A
3
Combine Codes in Specific Order
for Complete Part Number: PPMA1001A
4
Size Code
Pipe Diameter
Marker Size
UOM
A
3/4" to 1 1/4"
1" x 8"
Each
B
1 1/2" to 2"
1 1/2" x 8"
D
2 1/2" to 6"
2 1/2" x 12"
H
8" to 10"
4" x 24"
Self Stick (PPMA)
Size Code
Pipe Diameter
Marker Size
UOM
A
3/4" to 1 1/4"
6" x 8"
Each
B
1 1/2" to 2"
9" x 8"
C
2 1/4" to 3"
14" x 12"
E
3 1/4" to 5"
19" x 12"*
F
5 1/4" to 6"
25" x 12"*
*Have self-adhesive leading edge for secure fit
Snap On Pipe Markers (PPMS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com