Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCV-277/480 Datasheet(PDF) 82 Page - PANDUIT CORP.

Part # PCV-277/480
Description  EVERY 30 MINUTES A WORKER IS SEVERELY HURT FROM ELECTRICITY AND THE COSTS ARE SURPRISING
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PCV-277/480 Datasheet(HTML) 82 Page - PANDUIT CORP.

Back Button PCV-277/480 Datasheet HTML 78Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 79Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 80Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 81Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 82Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 83Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 84Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 85Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 86Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 116 page
background image
80
Lockout / Tagout | Cable & Hasp
Self-Laminating Padlock Labels
Part No.
Color
Std. Pkg.
Qty.
Std. Ctn.
Qty.
PSL-PL1BLKY
Black
25
150
PSL-PL1BLUY
Blue
PSL-PL1GRNY
Green
PSL-PL1REDY
Red
PSL-PL1WHTY
White
PSL-PL1YELY
Yellow
PSL-PL1REDY-D
Red Label with DANGER header
PSL-PL1REDY-P
Red Label with DANGER header in Portuguese
PSL-8-LABEL
Red/Black/White
1
20
• Used to identify employees’ locks; employees sign the label, attach it to the padlock, and overwrap with the clear
vinyl to protect the legend
• Available in six colors for departmental coding
• One-piece design is easy to use
• Width: 10.00 inches
• Height: 0.75 inches
Labels are designed with blank write-on area for name and department designation and can be clearly identified with
Panduit permanent marking pens.
Braided Steel Cable
• Flexible poly-coated braided steel cable
• The cable loops can be intertwined and locked with a padlock
• Color: Black
• Available in a variety of diameters and lengths
Steel Hasp
• Hardened steel construction for extra strength
• Hidden screws and hinge pins for extra security
• Corrosion protected galvanized finish
• Color: Silver
• Available in 5 different sizes
Part No.
Eye Loop Diameter
Length
Std. Pkg.
Qty.
In.
mm
In.
mm
PSL-PH1
23/64
9
3
75
1
PSL-PH2
33/64
13.4
3 3/4
95
1
PSL-PH3
4 1/2
115
PSL-PH4
5 1/4
135
PSL-PH5
6 1/2
155
Part No.
Diameter
Length
Std. Pkg.
Qty.
In.
mm
ft.
cm
PSL-PC31-6
5/16
8
6
200
1
PSL-PC31-10
10
250
PSL-PC38-6
3/8
10
6
200
PSL-PC38-16
16
500
PSL-PC38-33
33
1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com