Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCV-277/480 Datasheet(PDF) 2 Page - PANDUIT CORP.

Part # PCV-277/480
Description  EVERY 30 MINUTES A WORKER IS SEVERELY HURT FROM ELECTRICITY AND THE COSTS ARE SURPRISING
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PCV-277/480 Datasheet(HTML) 2 Page - PANDUIT CORP.

  PCV-277/480 Datasheet HTML 1Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 2Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 3Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 4Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 5Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 6Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 7Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 8Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 9Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 116 page
background image
$200,000 to $320,000
INDIRECT COSTS
Property Damage and Repair, Training and
Compensation for Replacement Workers, Fines for
Workplace Safety Violations, Administrative Costs*
EVERY 30 MINUTES A WORKER IS SEVERELY HURT
FROM ELECTRICITY AND THE COSTS
ARE SURPRISING
VeriSafe | Safety
$50,000 to $80,000
DIRECT COSTS
Workers’ Compensation, Medical
and Legal Expenses**
11.7%
18.3%
36.7%
Reported near misses of
personal injury
Facilities experienced interruptions to plant
operations due to voltage testing incidents
Facilities experienced a personal injury when
using hand-held voltage test instruments***
RE-TEST THE TESTER
RE-TEST THE TESTER
VeriSafe™ AVT
Prevents direct exposure to electrical
hazards and determines voltage status
before equipment is accessed.
Traditional Method
Determining absence of voltage with
hand-held testers presents a risk of
exposure to electrical hazards.
VeriSafe™Absence of Voltage
Tester (AVT) minimizes risk
by performing voltage
verification testing before
equipment is accessed –
every time, every test.
***H. L. Floyd and B. J. Nenninger, "Personnel Safety and Plant Reliability Considerations in the Selection and Use of Voltage Test Instruments," IEEE Transactions on Industry Applications, vol. 33,
no. 2, pp. 367-373, 1997. *F. A. Manuele, “Accident costs: Rethinking ratios of indirect to direct costs,” Prof. Safety, pp. 39–47, Jan. 2011. **R. B. Campbell and D. A. Dini, Occupational Injuries
From Electrical Shock and Arc Flash Events. Quincy, MA: Fire Protection Research Foundation, 2015.
VeriSafe
ABSENCE OF VOLTAGE TESTER
©2018 Panduit Corporation. All rights Reserved. SFFL03--SA-ENG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com