Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCV-277/480 Datasheet(PDF) 103 Page - PANDUIT CORP.

Part # PCV-277/480
Description  EVERY 30 MINUTES A WORKER IS SEVERELY HURT FROM ELECTRICITY AND THE COSTS ARE SURPRISING
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PCV-277/480 Datasheet(HTML) 103 Page - PANDUIT CORP.

Back Button PCV-277/480 Datasheet HTML 99Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 100Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 101Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 102Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 103Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 104Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 105Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 106Page - PANDUIT CORP. PCV-277/480 Datasheet HTML 107Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 116 page
background image
Tape | Barriers & Barricades 101
• Polyethylene (HTU, HTB) materials
• Temperature range: -30°F to 200°F
(-34°C to 93°C)
• Detectible Laminated Aluminum (HTDU) materials temper
• Temperature range: -30°F to 220°F
(-34°C to 104°C)
• Pre-Printed
• Indoor/outdoor rated
• Designed for direct burial
• Highly visible legend is protected from abrasion and
chemicals
• Resistant to UV light, chemical atmosphere, and abrasion
• Will not biodegrade
Underground Hazard Tape
Part Number
Legend
Color
(Legend/Background)
Height
Length
Std. Pkg.
Qty.
In.
mm
Ft.
m
Laminated Detectable Aluminum
HTDU3O-FO
CAUTION
FIBER OPTIC CABLE BURIED BELOW
Black/Orange
3.00
76.00
1000.00
305.00
1
HTDU3O-T
CAUTION
TELEPHONE LINE BURIED BELOW
HTDU3R-E
CAUTION
ELECTRIC LINE BURIED BELOW
Black/Red
3.00
76.00
1000.00
305.00
HTDU6O-FO
CAUTION
FIBER OPTIC CABLE BURIED BELOW
Black/Orange
6.00
152.00
1000.00
305.00
1
HTDU6O-T
CAUTION
TELEPHONE LINE BURIED BELOW
HTDU6R-E
CAUTION
ELECTRIC LINE BURIED BELOW
Black/Red
6.00
152.00
1000.00
305.00
Polyethylene
HTU3G-T-M
CAUTION
TELEPHONE LINE BURIED BELOW
Black/Green
3.00
76.00
1000.00
305.00
1
HTU3O-FO-M
CAUTION
BURIED FIBER OPTIC CABLE
Black/Orange
3.00
76.00
1000.00
305.00
HTU3O-T-M
CAUTION
TELEPHONE LINE BURIED BELOW
HTU3R-E-M
CAUTION
ELECTRIC LINE BURIED BELOW
Black/Red
3.00
76.00
1000.00
305.00
HTU3Y-E-M
Black/Yellow
HTU6R-E
CAUTION
ELECTRIC LINE BURIED BELOW
Black/Red
6.00
152.00
1000.00
305.00
HTU6O-FO
CAUTION
BURIED FIBER OPTIC CABLE
Black/Orange
6.00
152.00
1000.00
305.00
1
HTU6O-T
CAUTION
TELEPHONE LINE BURIED BELOW
HTU6O-TV
CAUTION
CABLE TV LINE BURIED BELOW
HTU6Y-E
CAUTION
ELECTRIC LINE BURIED BELOW
Black/Yellow
6.00
152.00
1000.00
305.00
HTU6Y-G
CAUTION
GAS LINE BURIED BELOW
800.777.3300 | Panduit.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com