Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS4SD4M16DG-10/IT Datasheet(PDF) 5 Page - Austin Semiconductor

Part # AS4SD4M16DG-10/IT
Description  4 Meg x 16 SDRAM Synchronous DRAM Memory
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS4SD4M16DG-10/IT Datasheet(HTML) 5 Page - Austin Semiconductor

  AS4SD4M16DG-10/IT Datasheet HTML 1Page - Austin Semiconductor AS4SD4M16DG-10/IT Datasheet HTML 2Page - Austin Semiconductor AS4SD4M16DG-10/IT Datasheet HTML 3Page - Austin Semiconductor AS4SD4M16DG-10/IT Datasheet HTML 4Page - Austin Semiconductor AS4SD4M16DG-10/IT Datasheet HTML 5Page - Austin Semiconductor AS4SD4M16DG-10/IT Datasheet HTML 6Page - Austin Semiconductor AS4SD4M16DG-10/IT Datasheet HTML 7Page - Austin Semiconductor AS4SD4M16DG-10/IT Datasheet HTML 8Page - Austin Semiconductor AS4SD4M16DG-10/IT Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
SDRAM
SDRAM
SDRAM
SDRAM
SDRAM
AS4SD4M16
AS4SD4M16
Rev. 2.1 6/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
5
Austin Semiconductor, Inc.
PIN DESCRIPTION
TSOP
PIN NUMBERS
38
CLK
Input Clock: CLK is driven by the system clock. All SDRAM input signals are
sampled on the positive edge of CLK. CLK also increments the internal burst
counter and controls the output registers.
37
CKE
Input
Clock Enable: CKE activates (HIGH) and deactivates (LOW) the CLK signal.
Deactivating the clock provides PRECHARGE POWER-DOWN and SELF
REFRESH operations (all banks idle), ACTIVE POWER-DOWN (row ACTIVE
in either bank) or CLOCK SUSPEND operation (burst/access in progress).
CKE is synchronous except after the device enters power-down and self
refresh modes, where CKE becomes asynchronous until after exiting the
same mode. The input buffers, including CLK, are disabled during power-down
and self refresh modes, providing low standby power. CKE may be tied
HIGH.
19
CS\
Input
Chip Select: CS\ enables (registered LOW) and disables (registered HIGH)
the command decoder. All commands are masked when CS\ is registered
HIGH. CS\ provides for external bank selection on systems with multiple
banks. CS\ is considered part of the command code.
16, 17
WE\, CAS\
Input
Command Inputs: RAS\, CAS\, and WE\ (along with CS\) define the
18
RAS\
command being entered.
15, 39
DQML,
Input
Input/Output Mask: DQM is an input mask signal for write accesses and an
DQMH
output enable signal for read accesses. Input data is masked when DQM is
sampled HIGH during a WRITE cycle. The output buffers are placed in a
High-Z state (two-clock latency) when DQM is sampled HIGH during a READ
cycle. DQML corresponds to DQ0-DQ7; DQMH corresponds to DQ8-DQ15.
DQML and DQMH are considered same state when referenced as DQM.
20, 21
BA0, BA1
Input
Bank Address Inputs: BA0 and BA1 define to which bank the ACTIVE, READ,
WRITE or PRECHARGE command is being applied.
23-26, 29-34,
A0-A11
Input
Address Inputs: A0-A11 are sampled during the ACTIVE command (row
22, 35
address A0-A11) and READ/WRITE command (column address A0-A7, with
A10 defining AUTO PRECHARGE) to select one location out of the memory
array in the respective bank. A10 is sampled during a PRECHARGE
command to determine if all banks are to be precharged (A10 HIGH) or bank
selected by BA0,BA1 (LOW). The address inputs also provide the op-code
during a LOAD MODE REGISTER command.
2, 4, 5, 7, 8
DQ0- DQ15
Input/ Data I/O: Data bus.
10, 11, 13, 42
Output
44, 45, 47, 48
50, 51, 53
36, 40
NC
—
No Connect: These pins should be left unconnected.
3, 9, 43, 49
VDDQ
Supply DQ Power: Provide isolated power to DQs for improved noise immunity.
6, 12, 46, 52
VSSQ
Supply DQ Ground: Provide isolated ground to DQs for improved noise immunity.
1, 14, 27
VDD
Supply Power Supply: +3.3V ±0.3V.
28, 41, 54
VSS
Supply Ground.
SYMBOL
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com