Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS4SD4M16DG-10/IT Datasheet(PDF) 30 Page - Austin Semiconductor

Part # AS4SD4M16DG-10/IT
Description  4 Meg x 16 SDRAM Synchronous DRAM Memory
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS4SD4M16DG-10/IT Datasheet(HTML) 30 Page - Austin Semiconductor

Back Button AS4SD4M16DG-10/IT Datasheet HTML 26Page - Austin Semiconductor AS4SD4M16DG-10/IT Datasheet HTML 27Page - Austin Semiconductor AS4SD4M16DG-10/IT Datasheet HTML 28Page - Austin Semiconductor AS4SD4M16DG-10/IT Datasheet HTML 29Page - Austin Semiconductor AS4SD4M16DG-10/IT Datasheet HTML 30Page - Austin Semiconductor AS4SD4M16DG-10/IT Datasheet HTML 31Page - Austin Semiconductor AS4SD4M16DG-10/IT Datasheet HTML 32Page - Austin Semiconductor AS4SD4M16DG-10/IT Datasheet HTML 33Page - Austin Semiconductor AS4SD4M16DG-10/IT Datasheet HTML 34Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 50 page
background image
SDRAM
SDRAM
SDRAM
SDRAM
SDRAM
AS4SD4M16
AS4SD4M16
Rev. 2.1 6/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
30
Austin Semiconductor, Inc.
ABSOLUTE MAXIMUM RATINGS*
Voltage on VDD/VDDQ Supply
Relative to VSS ........................................ -1V to +4.6V
Voltage on Inputs, NC or I/O Pins
Relative to VSS ........................................ -1V to +4.6V
Operating Temperature, T
A
(ambient)........-55
°C to +125°C
Storage Temperature (plastic) ................-55
°C to +150°C
Power Dissipation ................................................. 1W
*Stresses greater than those listed as “Absolute
Maximum Ratings” may cause permanent damage to the
device.
This is a stress rating only, and functional
operation of the device at these or any other conditions
above those indicated in the operational sections of this
specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may
affect reliability.
PARAMETER/CONDITION
SYMBOL
MIN
MAX
UNITS
NOTES
Supply Voltage
VDD/VDDQ
3
3.6
V
Input High (Logic 1) Voltage, all inputs
VIH
2.2
VDD +0.3
V23
Input Low (Logic 0) Voltage, all inputs
VIL
-0.5
0.7
V
23
INPUT LEAKAGE CURRENT
Any input 0V<VIN<VDD
(All other pins not under test = 0V)
II
-5
5
µΑ
OUTPUT LEAKAGE CURRENT (DQs are disabled; 0V<VOUT<VDDQ)
IOZ
-5
5
µΑ
VOH
2.4
--
V
VOL
--
0.4
V
OUTPUT LEVELS
Output High Voltage (IOUT = -4mA)
Output Low Voltage (IOUT = 4mA)
DC ELECTRICAL CHARACTERISTICS AND OPERATING CONDITIONS
(Notes: 1, 6) (-55°
≤ Τ
≤ Τ
≤ Τ
≤ Τ
≤ Τ
Α
Α
Α
Α
Α ≤
≤≤≤≤ +125 °C ; V
DD/VDDQ =+3.3 V +0.3V)
I
DD SPECIFICATIONS AND CONDITIONS
1, 6, 11, 13 (-55°C<T
A <+125 °C; VDD/VDDQ =+3.3 V +0.3V)
SYM
-8
-10
UNITS NOTES
IDD1
120
110
mA
3, 18,
19
IDD2
2.5
2.5
mA
IDD3
45
40
mA
3, 12,
19
IDD4
145
120
mA
3, 18,
19
tRFC = tRFC (MIN); CL = 3
IDD5
205
195mA
tRFC = 15.625µs; CL = 3
IDD6
50
45
mA
IDD7
2.5
2.5
mA
4
MAX
OPERATING CURRENT; Active Mode, Burst = 2,
READ or WRITE, tRC=tRC (MIN), CAS latency = 3,
tCK = 10ns (15ns for -10)
SELF REFRESH CURRENT: CKE<0.2V (-40 to +85 only)
AUTO REFRESH CURRENT;
CKE=HIGH; CS\=HIGH
tCK=10ns (15ns for -10)
PARAMETER/CONDITIONS
3, 12,
18, 19
STANDBY CURRENT: Power-Down Mode;
All banks idle; CKE=LOW; tCK = 10ns (15ns for -10)
STANDBY CURRENT; Active Mode; CKE=HIGH,
CS\=HIGH; tCK = 10ns (15ns for -10),
All banks active after tRCD met; No accesses in progress
OPERATING CURRENT: Burst Mode; Continuous burst;
READ or WRITE; tCK = 10ns (15ns for -10);
All banks active; CAS latency = 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com