Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS4SD4M16DG-10/IT Datasheet(PDF) 1 Page - Austin Semiconductor

Part # AS4SD4M16DG-10/IT
Description  4 Meg x 16 SDRAM Synchronous DRAM Memory
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS4SD4M16DG-10/IT Datasheet(HTML) 1 Page - Austin Semiconductor

  AS4SD4M16DG-10/IT Datasheet HTML 1Page - Austin Semiconductor AS4SD4M16DG-10/IT Datasheet HTML 2Page - Austin Semiconductor AS4SD4M16DG-10/IT Datasheet HTML 3Page - Austin Semiconductor AS4SD4M16DG-10/IT Datasheet HTML 4Page - Austin Semiconductor AS4SD4M16DG-10/IT Datasheet HTML 5Page - Austin Semiconductor AS4SD4M16DG-10/IT Datasheet HTML 6Page - Austin Semiconductor AS4SD4M16DG-10/IT Datasheet HTML 7Page - Austin Semiconductor AS4SD4M16DG-10/IT Datasheet HTML 8Page - Austin Semiconductor AS4SD4M16DG-10/IT Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
SDRAM
SDRAM
SDRAM
SDRAM
SDRAM
AS4SD4M16
AS4SD4M16
Rev. 2.1 6/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
1
Austin Semiconductor, Inc.
FEATURES
•
Extended Testing Over -55°C to +125° C and
Industrial Temp -40°C to 85° C
•
WRITE Recovery (
t
WR
/
t
DPL
)
t
WR
= 2 CLK
•
Fully synchronous; all signals registered on positive
edge of system clock
•
Internal pipelined operation; column address can be
changed every clock cycle
•
Internal banks for hiding row access/precharge
•
Programmable burst lengths: 1, 2, 4, 8 or full page
•
Auto Precharge and Auto Refresh Modes
•
Self Refresh Mode (Industrial, -40°C to 85° C only)
•
4,096-cycle refresh
•
LVTTL-compatible inputs and outputs
•
Single +3.3V ±0.3V power supply
•
Longer lead TSOP for improved reliability
(OCPL*)
•
Short Flow / Long Flow Test Screening Options
OPTIONS
MARKING
•
Configurations
4 Meg x 16 (1 Meg x 16 x 4 banks)
4M16
•
Plastic Package - OCPL*
54-pin TSOP (400 mil)
DG
No. 901
•
Timing (Cycle Time)
8ns; t
AC
= 6.5ns @ CL = 3 ( t
RP
- 24ns)
-8
10ns; t
AC
= 9ns @ CL = 2
-10
•
Operating Temperature Ranges
-Military (-55°C to +125° C)
XT
-Industrial Temp (-40°C to 85° C)
IT
KEY TIMING PARAMETERS
SPEED
CLOCK
SETUP
HOLD
GRADE
FREQUENCY CL = 2**
CL = 3**
TIME
TIME
-8
125 MHz
–
6.5ns
2ns
1ns
-10
100 MHz
–
7ns
3ns
1ns
-8
83 MHz
9ns
–
2ns
1ns
-10
66 MHz
9ns
–
3ns
1ns
ACCESS TIME
*Off-center parting line
**CL = CAS (READ) latency
PIN ASSIGNMENT
(Top View)
54-Pin TSOP
Note: “\” indicates an active low.
Configuration
1 Meg x 16 x 4 banks
Refresh Count
4K
Row Addressing
4K (A0-A11)
Bank Addressing
4 (BA0, BA1)
Column Addressing
256 (A0-A7)
4 Meg x 16
4 Meg x 16 SDRAM
Synchronous DRAM Memory
For more products and information
please visit our web site at
www.austinsemiconductor.com


Similar Part No. - AS4SD4M16DG-10/IT

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS4SD4M16DG-10/IT AUSTIN-AS4SD4M16DG-10/IT Datasheet
1Mb / 50P
4 Meg x 16 SDRAM Synchronous DRAM Memory
More results

Similar Description - AS4SD4M16DG-10/IT

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM638165 ETRON-EM638165 Datasheet
1Mb / 71P
4Mega x 16 Synchronous DRAM (SDRAM)
logo
List of Unclassifed Man...
MEM4X16E43VTW-5 ETC-MEM4X16E43VTW-5 Datasheet
598Kb / 9P
4 MEG x 16 EDO DRAM
logo
Austin Semiconductor
AS4SD4M16 AUSTIN-AS4SD4M16 Datasheet
1Mb / 50P
4 Meg x 16 SDRAM Synchronous DRAM Memory
logo
Etron Technology, Inc.
EM636165-XXI ETRON-EM636165-XXI Datasheet
757Kb / 73P
1Mega x 16 Synchronous DRAM (SDRAM)
logo
Austin Semiconductor
AS4LC4M16 AUSTIN-AS4LC4M16 Datasheet
519Kb / 25P
4 MEG x 16 DRAM
AS4SD16M16 AUSTIN-AS4SD16M16 Datasheet
1Mb / 51P
256 MB: 16 Meg x 16 SDRAM Synchronous DRAM Memory
logo
Etron Technology, Inc.
EM639165 ETRON-EM639165_07 Datasheet
1Mb / 73P
8Mega x 16 Synchronous DRAM (SDRAM)
logo
Austin Semiconductor
AS4SD8M16 AUSTIN-AS4SD8M16 Datasheet
6Mb / 51P
128 Mb: 8 Meg x 16 SDRAM Synchronous DRAM Memory
AS4SD16M16 AUSTIN-AS4SD16M16_09 Datasheet
2Mb / 52P
256 MB: 16 Meg x 16 SDRAM Synchronous DRAM Memory
AS4SD32M16 AUSTIN-AS4SD32M16 Datasheet
1Mb / 52P
512Mb: 32 Meg x 16 SDRAM Synchronous DRAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com