Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS4SD4M16DG-10/IT Datasheet(PDF) 9 Page - Austin Semiconductor

Part # AS4SD4M16DG-10/IT
Description  4 Meg x 16 SDRAM Synchronous DRAM Memory
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS4SD4M16DG-10/IT Datasheet(HTML) 9 Page - Austin Semiconductor

Back Button AS4SD4M16DG-10/IT Datasheet HTML 5Page - Austin Semiconductor AS4SD4M16DG-10/IT Datasheet HTML 6Page - Austin Semiconductor AS4SD4M16DG-10/IT Datasheet HTML 7Page - Austin Semiconductor AS4SD4M16DG-10/IT Datasheet HTML 8Page - Austin Semiconductor AS4SD4M16DG-10/IT Datasheet HTML 9Page - Austin Semiconductor AS4SD4M16DG-10/IT Datasheet HTML 10Page - Austin Semiconductor AS4SD4M16DG-10/IT Datasheet HTML 11Page - Austin Semiconductor AS4SD4M16DG-10/IT Datasheet HTML 12Page - Austin Semiconductor AS4SD4M16DG-10/IT Datasheet HTML 13Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
SDRAM
SDRAM
SDRAM
SDRAM
SDRAM
AS4SD4M16
AS4SD4M16
Rev. 2.1 6/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
9
Austin Semiconductor, Inc.
TRUTH TABLE 1- Commands and DMQ Operation
(Note: 1)
NAME (FUNCTION)
CS\
RAS\
CAS\
WE\ DQM
ADDR
DQs
NOTES
COMMAND INHIBIT (NOP)
H
X
X
X
X
X
X
NO OPERATION (NOP)
L
H
H
H
X
X
X
ACTIVE (select bank and activate row)
L
L
H
H
X
Bank/Row
X
3
READ (select bank and column and start READ burst)
L
H
L
H
X
Bank/Col
X
4
WRITE (select bank and column and start WRITE burst)
L
H
L
L
X
Bank/Col
Valid
4
BURST TERMINATE
L
H
H
L
X
X
Active
PRECHARGE (deactivate row in bank or banks)
L
L
H
L
X
Code
X
5
LOAD MODE REGISTER
L
L
L
L
X
OpCode
X
2
Write Enable/Output Enable
-
-
-
-
L
-
Active
8
Write Inhibit/Output High-Z
-
-
-
-
H
-
High-Z
8
X6,7
LH
X
X
AUTO REFRESH or SELF REFRESH (enter self refresh
mode)
LL
COMMANDS
Truth Table 1 provides a quick reference of available commands.
This is followed by a written description of each command.
Two additional Truth Tables appear following the Operation
section; these tables provide current state/next state informa-
tion.
NOTE:
1.
CKE is HIGH for all commands shown except SELF REFRESH.
2.
A0-A11 define the op-code written to the Mode Register.
3.
A0-A11 provide row address, and BA0, BA1 determine which bank is made active.
4.
A0-A7 (x16) provide column address; A10 HIGH enables the auto precharge feature (nonpersistent), while A10
LOW disables the auto precharge feature; BA0, BA1 determine which bank is being read from or written to.
5.
A10 LOW: BA0, BA1 determine the bank being precharged. A10 HIGH: All banks precharged and BA0, BA1 are
“Don’t Care.”
6.
This command is AUTO REFRESH if CKE is HIGH; SELF REFRESH if CKE is LOW.
7.
Internal refresh counter controls row addressing; all inputs and I/Os are “Don’t Care” except for CKE.
8.
Activates or deactivates the DQs during WRITEs (zero-clock delay) and READs (two-clock delay).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com