Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS4SD4M16DG-10/IT Datasheet(PDF) 33 Page - Austin Semiconductor

Part # AS4SD4M16DG-10/IT
Description  4 Meg x 16 SDRAM Synchronous DRAM Memory
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS4SD4M16DG-10/IT Datasheet(HTML) 33 Page - Austin Semiconductor

Back Button AS4SD4M16DG-10/IT Datasheet HTML 29Page - Austin Semiconductor AS4SD4M16DG-10/IT Datasheet HTML 30Page - Austin Semiconductor AS4SD4M16DG-10/IT Datasheet HTML 31Page - Austin Semiconductor AS4SD4M16DG-10/IT Datasheet HTML 32Page - Austin Semiconductor AS4SD4M16DG-10/IT Datasheet HTML 33Page - Austin Semiconductor AS4SD4M16DG-10/IT Datasheet HTML 34Page - Austin Semiconductor AS4SD4M16DG-10/IT Datasheet HTML 35Page - Austin Semiconductor AS4SD4M16DG-10/IT Datasheet HTML 36Page - Austin Semiconductor AS4SD4M16DG-10/IT Datasheet HTML 37Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 50 page
background image
SDRAM
SDRAM
SDRAM
SDRAM
SDRAM
AS4SD4M16
AS4SD4M16
Rev. 2.1 6/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
33
Austin Semiconductor, Inc.
NOTES
1.
All voltages referenced to V
SS
.
2.
This parameter is sampled. V
DD
, V
DD
Q = +3.3V; f = 1
MHz, T
A
= 25°C; pin under test biased at 1.4V.
3.
I
DD
is dependent on output loading and cycle rates.
Specified values are obtained with minimum cycle time
and the outputs open.
4.
Enables on-chip refresh and address counters.
5.
The minimum specifications are used only to indicate
cycle time at which proper operation over the full
temperature range (-55°C
≤ T
A ≤
+125°C) is ensured.
6.
An initial pause of 100
µs is required after power-up,
followed by two AUTO REFRESH commands, before
proper device operation is ensured. (V
DD
and V
DD
Q must
be powered up simultaneously. V
SS
and V
SS
Q must be at
same potential.) The two AUTO REFRESH command
wake-ups should be repeated any time the t
REF
refresh
requirement is exceeded.
7.
AC characteristics assume t
T
= 1ns.
8.
In addition to meeting the transition rate specification,
the clock and CKE must transit between V
IH
and V
IL
(or
between V
IL
and V
IH
) in a monotonic manner.
9.
Outputs measured at 1.5V with equivalent load:
10. t
HZ
defines the time at which the output achieves the
open circuit condition; it is not a reference to V
OH
or
V
OL
. The last valid data element will meet t
OH
before
going High-Z.
11. AC timing and I
CC
tests have V
IL
= 0V and V
IH
= 3V, with
timing referenced to 1.5V crossover point.
12. Other input signals are allowed to transition no more
than once in any 30ns period (20ns on -8) and are
otherwise at valid V
IH
or V
IL
levels.
13. I
DD
specifications are tested after the device is properly
initialized.
14. Timing actually specified by t
CKS
; clock(s) specified as a
reference only at minimum cycle rate.
15. Timing actually specified by t
WR
plus t
RP
; clock(s)
specified as a reference only at minimum cycle rate.
16. Timing actually specified by t
WR
.
17. Required clocks are specified by JEDEC functionality
and are not dependent on any timing parameter.
18. The I
CC
current will decrease as the CAS latency is
reduced. This is due to the fact that the maximum cycle
rate is slower as the CAS latency is reduced.
19. Address transitions average one transition every 30ns
(20ns on -8).
20. CLK must be toggled a minimum of two times during this
period.
21. Based on t
CK
= 100 MHz for -8 and 66 MHz for -10.
22. These five parameters vary between speed grades and
define the differences between the -8 SDRAM speeds:
-8.
23. V
IH
overshoot: V
IH
(MAX) = V
DD
Q + 2V for a pulse
width
≤ 10ns, and the pulse width cannot be greater than
one third of the cycle rate. V
IL
undershoot: V
IL
(MIN) =
-2V for a pulse width
≤ 10ns, and the pulse width cannot
be greater than one third of the cycle rate.
24. The clock frequency must remain constant during access
or precharge states (READ, WRITE, including t
WR
, and
PRECHARGE commands). CKE may be used to reduce
the data rate.
25. Auto precharge mode only. The precharge timing budget
( t
RP
) begins 8ns after the first clock delay, after the last
WRITE is executed.
26. Precharge mode only.
27. JEDEC and PC100 specify three clocks.
Q
50pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com