Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS4SD4M16DG-10/IT Datasheet(PDF) 34 Page - Austin Semiconductor

Part # AS4SD4M16DG-10/IT
Description  4 Meg x 16 SDRAM Synchronous DRAM Memory
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS4SD4M16DG-10/IT Datasheet(HTML) 34 Page - Austin Semiconductor

Back Button AS4SD4M16DG-10/IT Datasheet HTML 30Page - Austin Semiconductor AS4SD4M16DG-10/IT Datasheet HTML 31Page - Austin Semiconductor AS4SD4M16DG-10/IT Datasheet HTML 32Page - Austin Semiconductor AS4SD4M16DG-10/IT Datasheet HTML 33Page - Austin Semiconductor AS4SD4M16DG-10/IT Datasheet HTML 34Page - Austin Semiconductor AS4SD4M16DG-10/IT Datasheet HTML 35Page - Austin Semiconductor AS4SD4M16DG-10/IT Datasheet HTML 36Page - Austin Semiconductor AS4SD4M16DG-10/IT Datasheet HTML 37Page - Austin Semiconductor AS4SD4M16DG-10/IT Datasheet HTML 38Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 50 page
background image
SDRAM
SDRAM
SDRAM
SDRAM
SDRAM
AS4SD4M16
AS4SD4M16
Rev. 2.1 6/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
34
Austin Semiconductor, Inc.
TIMING PARAMETERS
* CAS latency indicated in parentheses.
NOTE:
1.
The Mode Register may be loaded prior to the AUTO REFRESH cycles if desired.
2.
If CS is HIGH at clock high time, all commands applied are NOP, with CKE a “Don’t Care”.
3.
JEDEC and PC100 specify three clocks.
4.
Outputs are guaranteed High-Z after command is issued.
MIN
MAX
MIN
MAX
tAH
11
ns
tAS
23
ns
tCH
3
3.5
ns
tCL
3
3.5
ns
tCK (3)
810
ns
tCK (2)
12
15
ns
tCKH
11
ns
SYMBOL*
UNITS
-8
-10
MIN
MAX
MIN
MAX
tCKS
2
3
ns
tCMH
1
1
ns
tCMS
2
3
ns
tMRD (3)
2
2
tCK
tRC
80
90
ns
tRP
24
30
ns
SYMBOL*
UNITS
-8
-10
INITIALIZE AND LOAD MODE REGISTER2
12345
12345
12345
12345
12345
t
CK
tCH
tCL
T0
T1
Tn+1
To+1
Tp+1
Tp+2
Tp+3
12
12
12
12
12
12
12
12
1234
1234
1234
1234
123
123
123
123
123
123
123
123
123
123
123
123
12345
12345
12345
12345
1
1
1
1
tCKS tCKH
12
12
12
12
12
12
12
12
1234
1234
1234
1234
12
12
12
12
12
12
12
12
12
12
12
12
123
123
123
123
1234
1234
1234
1234
12
12
12
12
123
123
123
123
123
123
123
123
12
12
12
12
1234
1234
1234
1234
12
12
12
12
12
12
12
12
12
12
12
12
123
123
123
123
1234
1234
1234
1234
12
12
12
12
123
123
123
123
123
123
123
123
12
12
12
12
1234
1234
1234
1234
123
123
123
123
12
12
12
12
12
12
12
12
123
123
123
123
1234
1234
1234
1234
12
12
12
12
123
123
123
123
12
12
12
12
12
12
12
12
1234
1234
1234
1234
123
123
123
123
123
123
123
123
12345
12345
12345
12345
123
123
123
123
1
1
1
1
NOP
tCMH tCMS
123
123
123
123
PRECHARGE
123
123
123
123
123
123
123
123
NOP
NOP
AUTO
REFRESH
123
123
123
123
AUTO
REFRESH
123
123
123
123
NOP
NOP
123
123
123
123
LOAD MODE
REGISTER
123
123
123
123
NOP
123
123
123
123
ACTIVE
123
123
123
123
tCMH tCMS tCMH tCMS
123456789012345678901234567890121234567890123456789012345678901212345678901234567890
123456789012345678901234567890121234567890123456789012345678901212345678901234567890
123456789012345678901234567890121234567890123456789012345678901212345678901234567890
123456789012345678901234567890121234567890123456789012345678901212345678901234567890
12345
12345
12345
12345
12345678901234567890123456789012123456789012345678901
12345678901234567890123456789012123456789012345678901
12345678901234567890123456789012123456789012345678901
12345678901234567890123456789012123456789012345678901
12
12
12
12
CODE
ROW
12345
12345
12345
12345
12345
12345
12345
12345
1234
1234
1234
1234
1
1
1
1
1
1
1
1
12345
12345
12345
12345
1234
1234
1234
1234
12
12
12
12
12345
12345
12345
12345
12345
12345678901
12345678901
12345678901
12345678901
12345678901
12
12
12
12
12
ALL BANKS
SINGLE BANK
12345
12345
12345
12345
12345
123456789012345678901234567890121
123456789012345678901234567890121
123456789012345678901234567890121
123456789012345678901234567890121
123456789012345678901234567890121
12
12
12
12
12
tAS tAH
CODE
tAS tAH
12
12
12
12
12
ROW
12345
12345
12345
12345
12345
12345
12345
12345
12345
12345
1234
1234
1234
1234
1234
1
1
1
1
1
1
1
1
1
1
12345
12345
12345
12345
12345
1234
1234
1234
1234
1234
12
12
12
12
12
12345
12345
12345
12345
12345
1234
1234
1234
1234
1234
12345678901
12345678901
12345678901
12345678901
12345678901
12
12
12
12
12345
12345
12345
12345
12345
123456789012345678901234567890121234567890123456
123456789012345678901234567890121234567890123456
123456789012345678901234567890121234567890123456
123456789012345678901234567890121234567890123456
123456789012345678901234567890121234567890123456
12
12
12
12
1
1
1
1
ALL
BANKS
BANK
12345
12345
12345
12345
12345
1234
1234
1234
1234
1234
12
12
12
12
High-Z
T=100s
tRP
tRC
tMRD
Power-up:
V
DD and
CLK stable
Precharge
all banks
AUTO REFRESH
AUTO REFRESH
tRC
Program Mode Register 1,3,4
CLK
CKE
COMMAND
DQM /
DQML,
DQMH
A0-A9, A11
A10
BA0, BA1
DQ
12
12
12
12
12
12
12
12
1234
1234
1234
1234
12
12
12
12
12
12
12
12
1234
1234
1234
1234
1234
1234
1234
Don’t Care
Undefined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com