Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS4SD4M16DG-10/IT Datasheet(PDF) 16 Page - Austin Semiconductor

Part # AS4SD4M16DG-10/IT
Description  4 Meg x 16 SDRAM Synchronous DRAM Memory
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS4SD4M16DG-10/IT Datasheet(HTML) 16 Page - Austin Semiconductor

Back Button AS4SD4M16DG-10/IT Datasheet HTML 12Page - Austin Semiconductor AS4SD4M16DG-10/IT Datasheet HTML 13Page - Austin Semiconductor AS4SD4M16DG-10/IT Datasheet HTML 14Page - Austin Semiconductor AS4SD4M16DG-10/IT Datasheet HTML 15Page - Austin Semiconductor AS4SD4M16DG-10/IT Datasheet HTML 16Page - Austin Semiconductor AS4SD4M16DG-10/IT Datasheet HTML 17Page - Austin Semiconductor AS4SD4M16DG-10/IT Datasheet HTML 18Page - Austin Semiconductor AS4SD4M16DG-10/IT Datasheet HTML 19Page - Austin Semiconductor AS4SD4M16DG-10/IT Datasheet HTML 20Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 50 page
background image
SDRAM
SDRAM
SDRAM
SDRAM
SDRAM
AS4SD4M16
AS4SD4M16
Rev. 2.1 6/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
16
Austin Semiconductor, Inc.
Data from any READ burst may be truncated with a
subsequent WRITE command, and data from a fixed-length
READ burst may be immediately followed by data from a WRITE
command (subject to bus turnaround limitations). The WRITE
burst may be initiated on the clock edge immediately following
the last (or last desired) data element from the READ burst,
provided that I/O contention can be avoided. In a given
system design, there may be a possibility that the device
driving the input data will go Low-Z before the SDRAM DQs
go High-Z. In this case, at least a single-cycle delay should
occur between the last read data and the WRITE command.
The DQM input is used to avoid I/O contention, as shown in
Figures 9 and 10. The DQM signal must be asserted (HIGH) at
least two clocks prior to the WRITE command (DQM latency is
two clocks for output buffers) to suppress data-out from the
READ. Once the WRITE command is registered, the DQs will
go High-Z (or remain High-Z), regardless of the state of the
DQM signal. The DQM signal must be de-asserted prior to the
WRITE command (DQM latency is zero clocks for input
buffers) to ensure that the written data is not masked. Figure 9
shows the case where the clock frequency allows for bus
contention to be avoided without adding a NOP cycle, and
Figure 10 shows the case where the additional NOP is needed.
Figure 10
READ TO WRITE WITH EXTRA
CLOCK CYCLE
NOTE: A CAS latency of three is used for illustration. The READ command may be to any bank,
and the WRITE command may be to any bank.
T0
T1
T2
T3
T4
READ
WRITE
NOP
NOP
NOP
12345
12345
12345
12345
123456
123456
123456
123456
123
123
123
123
12345
12345
12345
12345
123456
123456
123456
123456
123
123
123
123
12345
12345
12345
12345
123456
123456
123456
123456
123
123
123
123
BANK,
COL
n
123456
123456
123456
123456
BANK,
COL
b
D
OUT n
D
IN b
CLK
COMMAND
ADDRESS
DQ
1234
1234
1234
1234
tHZ
t DS
T5
NOP
12345
12345
12345
12345
12345
12345
12345
12345
12
12
12
12
123
123
123
DON’T CARE
DQM
Figure 9
READ TO WRITE
NOTE: A CAS latency of three is used for illustration. The READ command may be to any
bank, and the WRITE command may be to any bank. If a CAS latency of one is used, the
DQM is not required.
T0
T1
T2
T3
T4
READ
WRITE
NOP
NOP
NOP
123456
123456
123456
123456
123456
123456
123456
123456
123
123
123
123
123456
123456
123456
123456
12345
12345
12345
12345
12
12
12
12
12345
12345
12345
12345
123456
123456
123456
123456
123
123
123
123
BANK,
COL
n
123456
123456
123456
123456
BANK,
COL
b
D
OUT n
D
IN b
CLK
COMMAND
ADDRESS
DQ
12345
12345
12345
12345
tHZ
tCK
t DS
DQM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com