Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS4SD4M16DG-10/IT Datasheet(PDF) 22 Page - Austin Semiconductor

Part # AS4SD4M16DG-10/IT
Description  4 Meg x 16 SDRAM Synchronous DRAM Memory
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS4SD4M16DG-10/IT Datasheet(HTML) 22 Page - Austin Semiconductor

Back Button AS4SD4M16DG-10/IT Datasheet HTML 18Page - Austin Semiconductor AS4SD4M16DG-10/IT Datasheet HTML 19Page - Austin Semiconductor AS4SD4M16DG-10/IT Datasheet HTML 20Page - Austin Semiconductor AS4SD4M16DG-10/IT Datasheet HTML 21Page - Austin Semiconductor AS4SD4M16DG-10/IT Datasheet HTML 22Page - Austin Semiconductor AS4SD4M16DG-10/IT Datasheet HTML 23Page - Austin Semiconductor AS4SD4M16DG-10/IT Datasheet HTML 24Page - Austin Semiconductor AS4SD4M16DG-10/IT Datasheet HTML 25Page - Austin Semiconductor AS4SD4M16DG-10/IT Datasheet HTML 26Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 50 page
background image
SDRAM
SDRAM
SDRAM
SDRAM
SDRAM
AS4SD4M16
AS4SD4M16
Rev. 2.1 6/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
22
Austin Semiconductor, Inc.
CLOCK SUSPEND
The clock suspend mode occurs when a column
access/burst is in progress and CKE is registered LOW. In the
clock suspend mode, the internal clock is deactivated,
“freezing” the synchronous logic.
For each positive clock edge on which CKE is sampled
LOW, the next internal positive clock edge is suspended. Any
command or data present on the input pins at the time of a
suspended internal clock edge is ignored; any data present on
the DQ pins remains driven; and burst counters are not
incremented, as long as the clock is suspended. (See examples
in Figures 22 and 23.)
Clock suspend mode is exited by registering CKE
HIGH; the internal clock and related operation will resume on
the subsequent positive clock edge.
BURST READ/SINGLE WRITE
The burst read/single write mode is entered by
programming the write burst mode bit (M9) in the Mode
Register to a logic 1. In this mode, all WRITE commands result
in the access of a single column location (burst of one), regard-
less of the programmed burst length. READ commands access
columns according to the programmed burst length and
sequence, just as in the normal mode of operation (M9=0).
NOTE: For this example, CAS latency = 2, burst length = 4 or greater, and DQM is LOW.
Figure 23
CLOCK SUSPEND DURING READ
BURST
123
123
DON’T CARE
CLK
COMMAND
ADDRESS
DQ
CKE
INTERNAL
CLOCK
T0
T1
T2
T3
T4
T5
T6
1234
1234
1234
1234
12345
12345
12345
12345
12
12
NOP
READ
NOP
NOP
NOP
NOP
1234
1234
1234
1234
1234
1234
1234
1234
12345
12345
12345
12345
12
12
12
1234
1234
1234
1234
12345
12345
12345
12345
12
12
12
12
1234
1234
1234
1234
12345
12345
12345
12345
12
12
12
12
1234
1234
1234
1234
12345
12345
12345
12345
123
123
123
12345
12345
12345
12345
1234
1234
1234
1234
123
123
123
BANK,
COL
n
1234
1234
1234
1234
1234
1234
1234
1234
12
12
12
D
OUT n
D
OUT n+2
D
OUT n+3
D
OUT n+1
CLK
COMMAND
ADDRESS
DQ
12345
12345
12345
123456
123456
123456
1234
1234
1234
123456
123456
123456
123456
123456
123456
123
123
123
WRITE
NOP
NOP
NOP
12345
12345
12345
12345
12345
12345
123
123
123
12345
12345
12345
123456
123456
123456
123
123
123
12345
12345
12345
12345
12345
12345
123
123
123
123456
123456
123456
123456
123456
123456
123
123
123
12345
12345
12345
12345
12345
12345
12
12
12
BANK,
COL
n
12345
12345
12345
12
12
12
T0
T1
T2
T3
T4
T5
12345
12345
12345
12345
12345
12345
123
123
123
12345
12345
12345
123456
123456
123456
123
123
123
12345
12345
12345
12345
12345
12345
123
123
123
DIN
n
DIN
n+1
DIN
n+2
NOTE: For this example, burst length = 4 or greater, and DQM is LOW.
Figure 22
CLOCK SUSPEND DURING WRITE
BURST
CKE
INTERNAL
CLOCK
12345
12345
12345



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com