Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS4SD4M16DG-10/IT Datasheet(PDF) 8 Page - Austin Semiconductor

Part # AS4SD4M16DG-10/IT
Description  4 Meg x 16 SDRAM Synchronous DRAM Memory
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS4SD4M16DG-10/IT Datasheet(HTML) 8 Page - Austin Semiconductor

Back Button AS4SD4M16DG-10/IT Datasheet HTML 4Page - Austin Semiconductor AS4SD4M16DG-10/IT Datasheet HTML 5Page - Austin Semiconductor AS4SD4M16DG-10/IT Datasheet HTML 6Page - Austin Semiconductor AS4SD4M16DG-10/IT Datasheet HTML 7Page - Austin Semiconductor AS4SD4M16DG-10/IT Datasheet HTML 8Page - Austin Semiconductor AS4SD4M16DG-10/IT Datasheet HTML 9Page - Austin Semiconductor AS4SD4M16DG-10/IT Datasheet HTML 10Page - Austin Semiconductor AS4SD4M16DG-10/IT Datasheet HTML 11Page - Austin Semiconductor AS4SD4M16DG-10/IT Datasheet HTML 12Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
SDRAM
SDRAM
SDRAM
SDRAM
SDRAM
AS4SD4M16
AS4SD4M16
Rev. 2.1 6/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
8
Austin Semiconductor, Inc.
CAS Latency
The CAS latency is the delay, in clock cycles, between
the registration of a READ command and the availability of the
first piece of output data. The latency can be set to two or three
clocks.
If a READ command is registered at clock edge n, and
the latency is m clocks, the data will be available by clock edge
n+m. The DQs will start driving as a result of the clock edge one
cycle earlier (n + m - 1), and provided that the relevant access
times are met, the data will be valid by clock edge n + m. For
example, assuming that the clock cycle time is such that all
relevant access times are met, if a READ command is registered
at T0 and the latency is programmed to two clocks, the DQs will
start driving after T1 and the data will be valid by T2, as shown
in Figure 2. Table 2 below indicates the operating frequencies at
which each CAS latency setting can be used.
Reserved states should not be used as unknown op-
eration or incompatibility with future versions may result.
Operating Mode
The normal operating mode is selected by setting
M7and M8 to zero; the other combinations of values for M7
and M8 are reserved for future use and/or test modes. The
programmed burst length applies to both READ and WRITE
bursts.
Test modes and reserved states should not be used
because unknown operation or incompatibility with future ver-
sions may result.
Write Burst Mode
When M9 = 0, the burst length programmed via M0-
M2 applies to both READ and WRITE bursts; when M9 = 1,
the programmed burst length applies to READ bursts, but write
accesses are single-location (nonburst) accesses.
CAS LATENCY = 2
CAS LATENCY = 3
-8
≤ 83
≤ 125
-10
≤ 66
≤ 100
SPEED
ALLOWABLE OPERATING FREQUENCY
(MHz)
CAS LATENCY
Table 2
Figure 2
CAS LATENCY
CLK
COMMAMD
DQ
123
123
123
123
123
123
123
123
123
123
123
123
T3
T2
T1
T0
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
12
12
12
12
12
12
12
12
NOP
READ
D
OUT
NOP
123
123
123
123
123
123
123
123
12
12
12
12
t
LZ
t
OH
t
AC
CAS Latency = 2
T4
123
123
123
123
123
123
123
123
123
123
123
123
T3
T2
T1
T0
NOP
NOP
READ
12345
12345
12345
12345
12
12
12
12
123
123
123
123
NOP
1234
1234
1234
1234
1234
1234
1234
1234
1234
1234
123
123
123
123
123
123
123
123
123
123
1
1
1
1
1
12
12
12
12
12
D
OUT
t
AC
t
LZ
t
OH
CAS Latency = 3
CLK
COMMAMD
DQ
123
123
123
123
123
123
DON’T CARE
UNDEFINED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com