Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC39J84IAAVR Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # DAC39J84IAAVR
Description  DAC39J84 Quad-Channel, 16-Bit, 2.8 GSPS, Digital-to-Analog Converter with 12.5 Gbps JESD204B Interface
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC39J84IAAVR Datasheet(HTML) 30 Page - Texas Instruments

Back Button DAC39J84IAAVR Datasheet HTML 26Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 27Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 28Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 29Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 30Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 31Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 32Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 33Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 146 page
background image
DAC39J84
SLASE48A – NOVEMBER 2014 – REVISED JANUARY 2015
www.ti.com
Table 3. Relationship Between Lane Rate and SerDes PLL Output
Frequency (continued)
RATE
LINE RATE
PLL OUTPUT FREQUENCY
Quarter
x Gbps
1x GHz
Eigth
x Gbps
2x GHz
Table 4. SerDes PLL Modes Selection
MPY
EFFECT
00010000
4x
00010100
5x
00011000
6x
00100000
8x
00100001
8.25x
00101000
10x
00110000
12x
00110010
12.5x
00111100
15x
01000000
16x
01000010
16.5x
01010000
20x
01011000
22x
01100100
25x
Other codes
reserved
The wide range of multiply factors combined with the different rate modes means it will often be possible to
achieve a given line rate from multiple different reference frequencies. The configuration which utilizes the
highest reference frequency achievable is always preferable.
The SerDes PLL VCO must be in the nominal range of 1.5625 - 3.125 GHz. It is necessary to adjust the loop
filter depending on the operating frequency of the VCO. To indicate the selection the user must set the rw_cfgpll
[9] (VRANGE) bit. If the PLL output frequency is below 2.17GHz, VRANGE should be set high.
Performance of the integrated PLL can be optimized according to the jitter characteristics of the reference clock
by setting the appropriate loop bandwidth via rw_cfgpll [12:11] (LB) bits. The loop bandwidth is obtained by
dividing the reference frequency by BWSCALE, where the BWSCALE is a function of both LB and PLL output
frequency as shown in Table 5.
Table 5. SerDes PLL Loop Bandwidth Selection
BWSCALE vs PLL OUTPUT FREQUENCY
LB
EFFECT
3.125 GHz
2.17 GHz
1.5625 GHz
00
Medium loop bandwidth
13
14
16
01
Ultra high loop bandwidth
7
8
8
10
Low loop bandwidth
21
23
30
11
High loop bandwidth
10
11
14
An approximate loop bandwidth of 8–30MHz is suitable and recommended for most systems where the reference
clock is via low jitter clock input buffer. For systems where the reference clock is via a low jitter input cell, but of
low quality, an approximate loop bandwidth of less than 8MHz may offer better performance. For systems where
the reference clock is cleaned via an ultra low jitter LC-based cleaner PLL, a high loop bandwidth up to 60MHz is
more appropriate. Note that the use of ultra high loop bandwidth setting is not recommended for PLL multiply
factor of less than 8.
30
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: DAC39J84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com