Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC39J84IAAVR Datasheet(PDF) 67 Page - Texas Instruments

Click here to check the latest version.
Part # DAC39J84IAAVR
Description  DAC39J84 Quad-Channel, 16-Bit, 2.8 GSPS, Digital-to-Analog Converter with 12.5 Gbps JESD204B Interface
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC39J84IAAVR Datasheet(HTML) 67 Page - Texas Instruments

Back Button DAC39J84IAAVR Datasheet HTML 63Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 64Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 65Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 66Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 67Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 68Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 69Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 70Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 146 page
background image
DAC39J84
www.ti.com
SLASE48A – NOVEMBER 2014 – REVISED JANUARY 2015
7.5.1 Register Descriptions
7.5.1.1 config0 Register – Address: 0x00, Default: 0x0218
Figure 82. config0 Register Format
15
14
13
12
11
10
9
8
qmc_offsetab_e qmc_offsetcd_e qmc_corrab_en
qmc_corrcd_en
interp
na
na
a
a
7
6
5
4
3
2
1
0
alarm_zeros_tx
outsum_ena
alarm_zeros_je
alarm_out_ena
alarm_out_pol
pap_ena
inv_sinc_ab_en
inv_sinc_cd_en
enable_ena
sd_data_ena
a
a
Table 31. config0 Register Field Descriptions
Register
Addr
Default
Bit
Name
Function
Name
(Hex)
Value
config0
0x0
15
qmc_offsetab_ena
Enable the offset function for the AB data path when asserted.
0
14
qmc_offsetcd_ena
Enable the offset function for the CD data path when asserted.
0
13
qmc_corrab_ena
Enable the Quadrature Modulator Correction (QMC) function for
0
the AB data path when asserted.
12
qmc_corrcd_ena
Enable the QMC function for the CD data path when asserted.
0
11:08
interp
Determines the interpolation amount.
0010
0000: 1x
0001: 2x
0010: 4x
0100: 8x
1000: 16x
7
alarm_zeros_txenable_ena
When asserted any alarm that isn’t masked will mid-level the DAC
0
output.
6
outsum_ena
Turns on the summing of the A+C and B+D data paths.
0
5
alarm_zeros_jesd_data_ena
When asserted any alarm that isn’t masked will zero the data
0
coming out of the JESD block.
4
alarm_out_ena
When asserted the pin ALARM becomes an output instead of a
1
tri-stated pin.
3
alarm_out_pol
This bit changes the polarity of the ALARM signal. (0=negative
1
logic, 1=positive logic)
2
pap_ena
Turns on the Power Amp Protection (PAP) logic.
0
1
inv_sinc_ab_ena
Turns on the inverse sinc filter for the AB path when programmed
0
to ‘1’.
0
inv_sinc_cd_ena
Turns on the inverse sinc filter for the CD path when programmed
0
to ‘1’.
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
67
Product Folder Links: DAC39J84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com