Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC39J84IAAVR Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # DAC39J84IAAVR
Description  DAC39J84 Quad-Channel, 16-Bit, 2.8 GSPS, Digital-to-Analog Converter with 12.5 Gbps JESD204B Interface
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC39J84IAAVR Datasheet(HTML) 14 Page - Texas Instruments

Back Button DAC39J84IAAVR Datasheet HTML 10Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 11Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 12Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 13Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 14Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 15Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 16Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 17Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 146 page
background image
DAC39J84
SLASE48A – NOVEMBER 2014 – REVISED JANUARY 2015
www.ti.com
6.7 AC Electrical Characteristics
Typical values at TA = 25°C, full temperature range is TMIN = –40°C to TMAX = 85°C, nominal supplies, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG OUTPUT (1)
4x or higher interpolation, PLL Off
2800
4x or higher interpolation, PLL On
2706
fDAC
Maximum DAC rate
MSPS
2x interpolation
2500
1x interpolation
1250
AC PERFORMANCE (2)
fDAC = 2.8 GSPS, fOUT = 150 MHz, 0 dBFS
68
fDAC = 2.8 GSPS, fOUT = 300 MHz, 0 dBFS
66
fDAC = 2.8 GSPS, fOUT = 150 MHz, -12 dBFS
67
fDAC = 2.8 GSPS, fOUT = 300 MHz, -12 dBFS
63
fDAC = 2.5 GSPS, fOUT = 20 MHz, 0 dBFS
79
fDAC = 2.5 GSPS, fOUT = 70 MHz, 0dBFS
78
fDAC = 2.5 GSPS, fOUT = 150 MHz, 0 dBFS
72
fDAC = 2.5 GSPS, fOUT = 230 MHz, 0dBFS
67
fDAC = 2.5 GSPS, fOUT = 20 MHz, -12 dBFS
79
fDAC = 2.5 GSPS, fOUT = 70 MHz, –12dBFS
75
Spurious Free Dynamic
SFDR
dBc
(0 to fDAC/2)
fDAC = 2.5 GSPS, fOUT = 150 MHz, -12 dBFS
70
fDAC = 2.5 GSPS, fOUT = 230 MHz, –12dBFS
65
fDAC = 1.6 GSPS, fOUT = 20 MHz, 0 dBFS
81
fDAC = 1.6 GSPS, fOUT = 70 MHz, 0 dBFS
77
fDAC = 1.6 GSPS, fOUT = 150 MHz, 0 dBFS
72
fDAC = 1.6 GSPS, fOUT = 230 MHz, 0 dBFS
68
fDAC = 1.6 GSPS, fOUT = 20 MHz, -12 dBFS
76
fDAC = 1.6 GSPS, fOUT = 70 MHz, –12 dBFS
72
fDAC = 1.6 GSPS, fOUT = 150 MHz, -12 dBFS
67
fDAC = 1.6 GSPS, fOUT = 230 MHz, –12 dBFS
64
fDAC = 2.8 GSPS, fOUT = 150 ± 0.5 MHz
76
fDAC = 2.8 GSPS, fOUT = 300 ± 0.5 MHz
68
fDAC = 2.5 GSPS, fOUT = 70 ± 0.5 MHz
83
fDAC = 2.5 GSPS, fOUT = 150 ± 0.5 MHz
75
fDAC = 2.5 GSPS, fOUT = 230 ± 0.5 MHz
70
Third-order two-tone
IMD3
intermodulation distortion
fDAC = 2.0 GSPS, fOUT = 70 ± 0.5 MHz
86
dBc
Each tone at –6dBFS
fDAC = 2.0 GSPS, fOUT = 150 ± 0.5 MHz
78
fDAC = 2.0 GSPS, fOUT = 230 ± 0.5 MHz
73
fDAC = 1.6 GSPS, fOUT = 70 ± 0.5 MHz
83
fDAC = 1.6 GSPS, fOUT = 150 ± 0.5 MHz
73
fDAC = 1.6 GSPS, fOUT = 230 ± 0.5 MHz
66
fDAC = 2.5 GSPS, fOUT = 70 MHz
-161
fDAC = 2.5 GSPS, fOUT = 150 MHz
–159
fDAC = 2.5 GSPS, fOUT = 230 MHz
-157
fDAC = 2.0 GSPS, fOUT = 70 MHz
-161
NSD
Noise Spectral Density(2)
fDAC = 2.0 GSPS, fOUT = 150 MHz
-160
dBFS/Hz
fDAC = 2.0 GSPS, fOUT = 230 MHz
-158
fDAC = 1.6 GSPS, fOUT = 70 MHz
-161
fDAC = 1.6 GSPS, fOUT = 150 MHz
-159
fDAC = 1.6 GSPS, fOUT = 230 MHz
-157
(1)
Measured single ended into 50
Ω load.
(2)
2:1 transformer output termination, 50
Ω doubly terminated load.
14
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: DAC39J84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com