Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC39J84IAAVR Datasheet(PDF) 86 Page - Texas Instruments

Click here to check the latest version.
Part # DAC39J84IAAVR
Description  DAC39J84 Quad-Channel, 16-Bit, 2.8 GSPS, Digital-to-Analog Converter with 12.5 Gbps JESD204B Interface
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC39J84IAAVR Datasheet(HTML) 86 Page - Texas Instruments

Back Button DAC39J84IAAVR Datasheet HTML 82Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 83Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 84Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 85Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 86Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 87Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 88Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 89Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 90Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 146 page
background image
DAC39J84
SLASE48A – NOVEMBER 2014 – REVISED JANUARY 2015
www.ti.com
7.5.1.36 config35 Register – Address: 0x23, Default: 0xFFFF
Figure 117. config35 Register Format
15
14
13
12
11
10
9
8
sleep_cntl
7
6
5
4
3
2
1
0
sleep_cntl
Table 66. config35 Register Field Descriptions
Register
Addr
Default
Bit
Name
Function
Name
(Hex)
Value
config35
0x23
15:0
sleep_cntl
This controls the routing of the SLEEP pin signal to different blocks.
0xFFFF
Assertion means that the SLEEP signal will be sent to the block. These
bits do not override the SIF bits, just the SLEEP signal from the pin.
When asserted,
bit15 through bit9 = Not used
bit8 = Allows the Band gap over R to sleep (BUG… in this PG it is
hooked to bit7)
bit7 = Allows the Bias OP Amp to sleep
bit6 = Allows the TEMP Sensor to sleep
bit5 = Allows the PLL to sleep
bit4 = Allows the CLK_RECV to sleep
bit3 = Allows DACD to sleep
bit2 = Allows DACC to sleep
bit1 = Allows DACB to sleep
bit0 = Allows DACA to sleep
7.5.1.37 config36 Register – Address: 0x24, Default: 0x0000
Figure 118. config36 Register Format
15
14
13
12
11
10
9
8
reserved
reserved
7
6
5
4
3
2
1
0
reserved
cdrvser_ sysref_mode
reserved
reserved
Table 67. config36 Register Field Descriptions
Register
Addr
Default
Bit
Name
Function
Name
(Hex)
Value
config36
0x24
15:13
reserved
Reserved
000
12:7
reserved
Reserved
000000
6:4
cdrvser_
Determines how SYSREF is used to sync the clock dividers in the device.
000
sysref_mode
000 = Don’t use SYSREF pulse
001 = Use all SYSREF pulses
010 = Use only the next SYSREF pulse
011 = Skip one SYSREF pulse then use only the next one
100 = Skip one SYSREF pulse then use all pulses.
3:2
reserved
Reserved
00
1:0
reserved
Reserved
00
86
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: DAC39J84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com